Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 43Page - Advanced Micro Devices AM79C970 Datasheet HTML 44Page - Advanced Micro Devices AM79C970 Datasheet HTML 45Page - Advanced Micro Devices AM79C970 Datasheet HTML 46Page - Advanced Micro Devices AM79C970 Datasheet HTML 47Page - Advanced Micro Devices AM79C970 Datasheet HTML 48Page - Advanced Micro Devices AM79C970 Datasheet HTML 49Page - Advanced Micro Devices AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
AMD
P R E L I M I N A R Y
1-914
Am79C970
entry. A device may, however, read from a descriptor
that it does not currently own. Software should always
read descriptor entries in sequential order. When soft-
ware finds that the current descriptor is owned by the
PCnet-PCI controller, then the software must not read
“ahead” to the next descriptor. The software should wait
at the unOWNed descriptor until ownership has been
granted to the software (when SPRINTEN = 1 (CSR3,
bit 5), then this rule is modified. See the SPRINTEN de-
scription). Strict adherence to these rules insures that
“Deadly Embrace” conditions are avoided.
Descriptor Ring Access Mechanism
At initialization, the PCnet-PCI controller reads the base
address of both the transmit and receive descriptor rings
into CSRs for use by the PCnet-PCI controller during
subsequent operations.
As the final step in the self-initialization process, the
base address of each ring is loaded into each of the cur-
rent descriptor address registers and the address of the
next descriptor entry in the transmit and receive rings is
computed and loaded into each of the next descriptor
address registers.
When SSIZE32 = 0, software data structures are 16 bits
wide. The following diagram, Figure 22, illustrates the
relationship between the Initialization Base Address,
the Initialization Block, the Receive and Transmit De-
scriptor Ring Base Addresses, the Receive and Trans-
mit Descriptors and the Receive and Transmit Data
Buffers, for the case of SSIZE32 = 0.
Initialization
Block
24-Bit Base Address
Pointer to
Initialization Block
IADR[15:0]
IADR[23:16]
RES
CSR1
CSR2
TDRA[15:0]
MODE
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLEN
RES
RDRA[23:16]
TLEN
RES
TDRA[23:16]
Rcv
Buffers
RMD0
RMD1 RMD2 RMD3
Rcv Descriptor
Ring
N
N
N
N
1st desc.
start
2nd desc.
start
RMD0
Xmt
Buffers
RX DESCRIPTOR RINGS
TMD0
TMD1
TMD2
TMD3
RX DESCRIPTOR RINGS
Xmt Descriptor
Ring
M
M
M
M
1st desc.
start
2nd desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
1
Data
Buffer
2
18220C-24
Figure 22. 16-Bit Data Structures: Initialization Block and Descriptor Rings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com