Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 18Page - Advanced Micro Devices AM79C970 Datasheet HTML 19Page - Advanced Micro Devices AM79C970 Datasheet HTML 20Page - Advanced Micro Devices AM79C970 Datasheet HTML 21Page - Advanced Micro Devices AM79C970 Datasheet HTML 22Page - Advanced Micro Devices AM79C970 Datasheet HTML 23Page - Advanced Micro Devices AM79C970 Datasheet HTML 24Page - Advanced Micro Devices AM79C970 Datasheet HTML 25Page - Advanced Micro Devices AM79C970 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 168 page
background image
P R E L I M I N A R Y
AMD
1-889
Am79C970
Bus Master DMA Transfers
There are four primary types of DMA transfers. The
PCnet-PCI controller uses non-burst as well as burst cy-
cles for read and write access to the main memory.
Basic Non-Burst Read Cycles
The PCnet-PCI controller uses non-burst read cycles to
access the initialization block and the receive and trans-
mit descriptor entries. Some of the read accesses to the
transmit buffer memory are also in non-burst mode. All
PCnet-PCI controller non-burst read accesses are of
the PCI command type Memory Read (type 6). Note that
during all non-burst read operations, the PCnet-PCI
controller will always activate all byte enables, even
though some byte lanes may not contain valid data as
indicated by a buffer pointer value. In such instances,
the PCnet-PCI controller will internally discard un-
needed bytes.
Figure 2 shows a typical non-burst read access. The
PCnet-PCI controller asserts
IRDY at clock 5 immedi-
ately after the address phase and starts sampling
DEVSEL. The target extends the cycle by asserting
DEVSEL not until clock 6. Additionally, the target inserts
one wait state by asserting its ready (
TRDY) at clock 8.
18220C-4
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
12345678
0000
9
PAR
PAR
PAR
DATA
DEVSEL is sampled by the PCnet-PCI controller.
ADDR
0110
Figure 2. Non-Burst Read Cycle With Wait States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com