Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 92Page - Advanced Micro Devices AM79C970 Datasheet HTML 93Page - Advanced Micro Devices AM79C970 Datasheet HTML 94Page - Advanced Micro Devices AM79C970 Datasheet HTML 95Page - Advanced Micro Devices AM79C970 Datasheet HTML 96Page - Advanced Micro Devices AM79C970 Datasheet HTML 97Page - Advanced Micro Devices AM79C970 Datasheet HTML 98Page - Advanced Micro Devices AM79C970 Datasheet HTML 99Page - Advanced Micro Devices AM79C970 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
P R E L I M I N A R Y
AMD
1-963
Am79C970
and therefore no transmissions
are attempted. DTX = “0”, will set
TXON bit (CSR0 bit 4) if STRT
(CSR0 bit 1) is asserted.
Read/write accessible only when
STOP bit is set.
0
DRX
Disable
Receiver
results
in
PCnet-PCI controller not access-
ing the Receive Descriptor Ring
and therefore all receive frame
data are ignored. DRX = “0”, will
set RXON bit (CSR0 bit 5) if
STRT (CSR0 bit 1) is asserted.
Read/write accessible only when
STOP bit is set.
CSR16: Initialization Block Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 IADR[15:0]
This register is an alias of CSR1.
CSR17: Initialization Block Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0IADR[31:16]
This register is an alias of CSR2.
CSR18: Current Receive Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
CRBAL
Contains the lower 16 bits of the
current receive buffer address at
which the PCnet-PCI controller
will store incoming frame data.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR19: Current Receive Buffer Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 CRBAU
Contains the upper 16 bits of the
current receive buffer address at
which the PCnet-PCI controller
will store incoming frame data.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR20: Current Transmit Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
CXBAL
Contains the lower 16 bits of the
current transmit buffer address
from which the PCnet-PCI con-
troller is transmitting.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR21: Current Transmit Buffer Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 CXBAU
Contains the upper 16 bits of the
current transmit buffer address
from which the PCnet-PCI con-
troller is transmitting.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR22: Next Receive Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
NRBAL
Contains the lower 16 bits of the
next receive buffer address to
which the PCnet-PCI controller
will store incoming frame data.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR23: Next Receive Buffer Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 NRBAU
Contains the upper 16 bits of the
next receive buffer address to
which the PCnet-PCI controller
will store incoming frame data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com