Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 13Page - Advanced Micro Devices AM79C970 Datasheet HTML 14Page - Advanced Micro Devices AM79C970 Datasheet HTML 15Page - Advanced Micro Devices AM79C970 Datasheet HTML 16Page - Advanced Micro Devices AM79C970 Datasheet HTML 17Page - Advanced Micro Devices AM79C970 Datasheet HTML 18Page - Advanced Micro Devices AM79C970 Datasheet HTML 19Page - Advanced Micro Devices AM79C970 Datasheet HTML 20Page - Advanced Micro Devices AM79C970 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
AMD
P R E L I M I N A R Y
1-884
Am79C970
When
RST is active, NAND tree testing is enabled. All
PCI interface pins are in input mode. The result of the
NAND tree testing can be observed on the NOUT output
(pin 62).
SERR
System Error
Input/Output
This signal is asserted for one CLK by the PCnet-PCI
controller when it detects a parity error during the ad-
dress phase when its AD[31:00] lines are inputs.
The
SERR pin is only active when SERREN (bit 8) and
PERREN (bit 6) in the PCI command register are set.
When
RST is active, SERR is an input for NAND tree
testing.
STOP
Stop
Input/Output
In the slave role, the PCnet-PCI controller drives the
STOP signal to inform the bus master to stop the current
transaction. In the bus master role, the PCnet-PCI con-
troller receives the
STOP signal and stops the current
transaction.
When
RST is active, STOP is an input for NAND tree
testing.
TRDY
Target Ready
Input/Output
This signal indicates that the PCnet-PCI controllers abil-
ity as a selected device to complete the current data
phase of the transaction.
TRDY is used in conjunction
with the
IRDY. A data phase is completed on any clock
both
TRDY and IRDY are asserted. During a read TRDY
indicates that valid data is present on AD[31:00]. During
a write,
TRDY indicates that data has been accepted.
Wait states are inserted until both
IRDY and TRDY are
asserted simultaneously.
When
RST is active, TRDY is an input for NAND tree
testing.
Board Interface
LED1
LED1
Output
This pin is shared with the EESK function. As
LED1, the
function and polarity of this pin are programmable
through BCR5. By default,
LED1 is active LOW and it in-
dicates receive activity on the network. The
LED1 output
from the PCnet-PCI controller is capable of sinking the
necessary 12 mA of current to drive an LED directly.
The
LED1 pin is also used during EEPROM Auto-detec-
tion to determine whether or not an EEPROM is present
at the PCnet-PCI controller Microwire interface. At the
trailing edge of the
RST pin, LED1 is sampled to deter-
mine the value of the EEDET bit in BCR19. A sampled
HIGH value means that an EEPROM is present, and
EEDET will be set to ONE. A sampled LOW value
means that an EEPROM is not present, and EEDET will
be set to ZERO. See the EEPROM Auto-detection sec-
tion for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead, in or-
der to resolve the EEDET setting.
LED3
LED3
Output
This pin is shared with the EEDO function. When func-
tioning as
LED3, the signal on this pin is programmable
through BCR7. By default,
LED3 is active LOW and it in-
dicates transmit activity on the network. Special atten-
tion must be given to the external circuitry attached to
this pin. If an LED circuit were directly attached to this
pin, it would create an IOL requirement that could not be
met by the serial EEPROM that would also be attached
to this pin. (This pin is multifunctioned with the EEDO
function of the Microwire serial EEPROM interface.)
Therefore, if this pin is to be used as an additional LED
output while an EEPROM is used in the system, then
buffering is required between the
LED3 pin and the LED
circuit. If no EEPROM is included in the system design,
then the
LED3 signal may be directly connected to an
LED without buffering. The
LED3 output from the
PCnet-PCI controller is capable of sinking the neces-
sary 12 mA of current to drive an LED in this case. For
more details regarding LED connection, see the section
on LEDs.
LNKST
LINK Status
Output
This pin provides 12 mA for driving an LED. By default, it
indicates an active link connection on the 10BASE-T in-
terface. This pin can also be programmed to indicate
other network status (see BCR4). The
LNKST pin polar-
ity is programmable, but by default, it is active LOW.
Note that this pin is multiplexed with the EEDI function.
SLEEP
Sleep
Input
When
SLEEP is asserted (active LOW), the PCnet-PCI
controller performs an internal system reset of the
S_RESET type and then proceeds into a power savings
mode. (The reset operation caused by
SLEEP assertion
will not affect BCR registers.) The PCI interface section
is not effected by
SLEEP. In particular, access to the
PCI configuration space remains possible. None of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com