Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 76Page - Advanced Micro Devices AM79C970 Datasheet HTML 77Page - Advanced Micro Devices AM79C970 Datasheet HTML 78Page - Advanced Micro Devices AM79C970 Datasheet HTML 79Page - Advanced Micro Devices AM79C970 Datasheet HTML 80Page - Advanced Micro Devices AM79C970 Datasheet HTML 81Page - Advanced Micro Devices AM79C970 Datasheet HTML 82Page - Advanced Micro Devices AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
P R E L I M I N A R Y
AMD
1-947
Am79C970
USER ACCESSIBLE REGISTERS
The PCnet-PCI controller has three types of user regis-
ters: the PCI configuration registers, the Control and
Status registers (CSR) and the Bus Control registers
(BCR).
The PCnet-PCI controller implements all PCnet-ISA
(Am79C960) registers all LANCE (Am7990) registers,
all ILACC (Am79C900) registers, plus a number of addi-
tional registers. The PCnet-PCI controller CSRs are
compatible with both the PCnet-ISA (Am79C960) CSRs
and all of the LANCE (Am7990) CSRs upon power up.
Compatibility to the ILACC set of CSRs requires one ac-
cess to the Software Style register (BCR20, bits 7–0) to
be performed. By setting an appropriate value of the
Software Style register (BCR20, bits 7–0) the user can
select a set of CSRs that are compatible with the ILACC
set of CSRs.
The PCI configuration registers can be accessed in any
data width. All other registers must be accessed accord-
ing to the IO mode that is currently selected. When WIO
mode is selected, all other register locations are defined
to be 16 bits in width. When DWIO mode is selected, all
these register locations are defined to be 32 bits in
width, with the upper 16 bits of most register locations
marked as reserved locations with undefined values.
When performing register write operations in DWIO
mode, the upper 16 bits should always be written as ze-
ros, except for CSR88. When performing register read
operations in DWIO mode, the upper 16 bits of I/O re-
sources should always be regarded as having unde-
fined values, except for CSR88.
PCnet-PCI registers can be divided into four groups:
PCI Configuration Registers:
Registers that are intended to be initialized by the sys-
tem initialization procedure (e.g. BIOS device initializa-
tion routine) to program the operation of the PCnet-PCI
controller PCI bus interface.
Setup Registers:
Registers that are intended to be initialized by the device
driver to program the operation of various PCnet-PCI
controller features.
Running Registers:
Registers that are intended to be used by the device
driver software once the PCnet-PCI controller is running
to access status information and to pass control
information.
Test Registers:
Registers that are intended to be used only for testing
and diagnostic purposes.
Below is a list of the registers that fall into each of the first
three categories. Those registers that are not included
in either of these lists can be assumed to be intended for
diagnostic purposes.
PCI Configuration Registers
The following is a list of those registers that would typi-
cally need to be programmed once during the initializa-
tion of the PCnet-PCI controller within a system
Base Address register
Interrupt Line register
Status register
Command register
Setup Registers
The following is a list of those registers that would typi-
cally need to be programmed once during the setup of
the PCnet-PCI controller within a system. The control
bits in each of these registers typically do not need to be
modified once they have been written. However, there
are no restrictions as to how many times these registers
may actually be accessed. Note that if the default power
up values of any of these registers is acceptable to the
application, then such registers need never be ac-
cessed at all. Also note that some of these registers may
be programmable through the EEPROM read opera-
tion, and therefore do not necessarily need to be written
to by the system initialization procedure or by the
driver software.
CSR1
Initialization Address[15:0]
CSR2
Initialization Address[31:16]
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR8
Logical Address Filter[15:0]
CSR9
Logical Address Filter[31:16]
CSR10
Logical Address Filter[47:32]
CSR11
Logical Address Filter[63:48]
CSR12
Physical Address Filter[15:0]
CSR13
Physical Address Filter[31:16]
CSR14
Physical Address Filter[47:32]
CSR15
Mode Register
CSR24
Base Address of Receive Ring Lower
CSR25
Base Address of Receive Ring Upper
CSR30
Base Address of Transmit Ring Lower
CSR31
Base Address of Transmit Ring Upper
CSR47
Polling Interval
CSR76
Receive Ring Length
CSR78
Transmit Ring Length
CSR80
DMA Transfer Counter and FIFO
Threshold Control
CSR82
Bus Activity Timer
CSR100
Memory Error Timeout Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com