Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 9Page - Advanced Micro Devices AM79C970 Datasheet HTML 10Page - Advanced Micro Devices AM79C970 Datasheet HTML 11Page - Advanced Micro Devices AM79C970 Datasheet HTML 12Page - Advanced Micro Devices AM79C970 Datasheet HTML 13Page - Advanced Micro Devices AM79C970 Datasheet HTML 14Page - Advanced Micro Devices AM79C970 Datasheet HTML 15Page - Advanced Micro Devices AM79C970 Datasheet HTML 16Page - Advanced Micro Devices AM79C970 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
AMD
P R E L I M I N A R Y
1-880
Am79C970
PIN DESIGNATIONS
Listed by Group
Pin Name
Pin Function
Type
Driver
# Pins
PCI Bus Interface
AD[31:00]
Address/Data Bus
IO
TS3
32
C/
BE[3:0]
Bus Command/Byte Enable
IO
TS3
4
CLK
Bus Clock
I
NA
1
DEVSEL
Device Select
IO
TS6
1
FRAME
Cycle Frame
IO
TS6
1
GNT
Bus Grant
I
NA
1
IDSEL
Initialization Device Select
I
ns
1
INTA
Interrupt
IO
OD6
1
IRDY
Initiator Ready
IO
TS6
1
LOCK
Bus Lock
I
NA
1
PAR
Parity
IO
TS6
1
PERR
Parity Error
IO
TS6
1
REQ
Bus Request
IO
TS3
1
RST
Reset
I
NA
1
SERR
System Error
IO
OD6
1
STOP
Stop
IO
TS6
1
TRDY
Target Ready
IO
TS6
1
Board Interface
EECS
Microwire Serial PROM Chip Select
O
O8
1
EEDI/
LNKST
Microwire Serial EEPROM Data In/Link Status
O
LED
1
EEDO/
LED3
Microwire APROM Data Out/LED predriver
IO
LED
1
EESK/
LED1
Microwire Serial PROM Clock/LED1
IO
LED
1
SLEEP
Sleep Mode
I
NA
1
XTAL1–2
Crystal Input/Output
IO
NA
2
Attachment Unit Interface (AUI)
CI+/CI–
AUI Collision Differential Pair
I
NA
2
DI+/DI–
AUI Data In Differential Pair
I
NA
2
DO+/DO–
AUI Data Out Differential Pair
O
DO
2
10BASE-T Interface
RXD+/RXD–
Receive Differential Pair
I
NA
2
TXD+/TXD–
Transmit Differential Pair
O
TDO
2
TXP+/TXP–
Transmit Pre-distortion Differential Pair
O
TPO
2
LNKST/EEDI
Link Status/Microwire Serial EEPROM Data In
O
LED
1
Test Interface
NOUT
NAND Tree Test Output
O
O3
1
Power Supplies
AVDD
Analog Power
P
NA
4
AVSS
Analog Ground
P
NA
2
VDD
Digital Power
P
NA
6
VSS
Digital Ground
P
NA
12
VDDB
I/O Buffer Power
P
NA
4
VSSB
I/O Buffer Ground
P
NA
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com