Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 56Page - Advanced Micro Devices AM79C970 Datasheet HTML 57Page - Advanced Micro Devices AM79C970 Datasheet HTML 58Page - Advanced Micro Devices AM79C970 Datasheet HTML 59Page - Advanced Micro Devices AM79C970 Datasheet HTML 60Page - Advanced Micro Devices AM79C970 Datasheet HTML 61Page - Advanced Micro Devices AM79C970 Datasheet HTML 62Page - Advanced Micro Devices AM79C970 Datasheet HTML 63Page - Advanced Micro Devices AM79C970 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 168 page
background image
P R E L I M I N A R Y
AMD
1-927
Am79C970
Collision Detect Function
Activity on both twisted pair signals RXD
± and TXD±
constitutes a collision, thereby causing the COL signal
to be activated. (COL is used by the LED control circuits)
COL will remain active until one of the two colliding sig-
nals changes from active to idle. However, transmission
attempt in Link Fail state results in LCAR and CERR in-
dication. COL stays active for 2 bit times at the end of
a collision.
Signal Quality Error (SQE) Test
(Heartbeat) Function
The SQE function is disabled when the 10BASE-T port
is selected.
Jabber Function
The Jabber function inhibits the twisted pair transmit
function of the T-MAU TXD
± is active for an excessive
period (20 ms – 150 ms). This prevents any one node
from disrupting the network due to a ‘stuck-on’ or faulty
transmitter. If this maximum transmit time is exceeded,
the T-MAU transmitter circuitry is disabled, the JAB bit is
set (CSR4, bit 1) the COL signal is asserted. Once the
transmit data stream to the T-MAU is removed, an “un-
jab” time of 250 ms – 750 ms will elapse before the
T-MAU COL and re-enables the transmit circuitry.
Power Down
The T-MAU circuitry can be made to go into power sav-
ings mode. This feature is useful in battery powered or
low duty cycle systems. The T-MAU will go into power
down mode when H_RESET is active, coma mode is ac-
tive, or the T-MAU is not selected. Refer to the Power
Savings Modes section for descriptions of the various
power down modes.
Any of the three conditions listed above resets the inter-
nal logic of the T-MAU and places the device into power
down mode. In this mode, the Twisted-Pair driver pins
(TXD
±, TXP±) are driven LOW, and the internal T-MAU
status signals (
LNKST, RCVPOL, XMT, RCV and COL)
signals are inactive.
Once H_RESET ends, coma mode is disabled, and the
T-MAU is selected. The T-MAU will remain in the reset
state for up to 10
µs. Immediately after the reset condi-
tion is removed, the T-MAU will be forced into the Link
Fail state. The T-MAU will move to the Link Pass state
only after 5 – 6 link beat pulses and/or a single received
message is detected on the RD
± pair.
In snooze mode, the T-MAU receive circuitry will remain
enabled even while the
SLEEP pin is driven LOW.
The T-MAU circuitry will always go into power down
mode if H_RESET is asserted, coma mode is enabled,
or the T-MAU is not selected.
10BASE-T Interface Connection
Figure 26 shows the proper 10BASE-T network inter-
face design. Refer to the
PCnet Family Technical Man-
ual (PID #18216A) for more design details, and refer to
Appendix A for a list of compatible 10BASE-T filter/
transformer modules.
Note that the recommended resistor values and filter
and transformer modules are the same as those used by
the IMR (Am79C980) and the IMR+ (Am79C981).
18220C-28
XMT
Filter
RCV
Filter
RJ45
Connector
Filter &
Transformer
Module
TXP+
TXD-
TXP-
TXD+
RXD+
RXD-
PCnet-PCI
TD+
TD-
RD+
RD-
1
2
3
6
61.9
Ω
422
Ω
61.9
Ω
422
Ω
100
Ω
1.21 K
Ω
1:1
1:1
Figure 26. 10BASE-T Interface Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com