Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 165 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 165 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 160Page - Advanced Micro Devices AM79C970 Datasheet HTML 161Page - Advanced Micro Devices AM79C970 Datasheet HTML 162Page - Advanced Micro Devices AM79C970 Datasheet HTML 163Page - Advanced Micro Devices AM79C970 Datasheet HTML 164Page - Advanced Micro Devices AM79C970 Datasheet HTML 165Page - Advanced Micro Devices AM79C970 Datasheet HTML 166Page - Advanced Micro Devices AM79C970 Datasheet HTML 167Page - Advanced Micro Devices AM79C970 Datasheet HTML 168Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 165 / 168 page
background image
AMD
1-1032
Am79C970
DATA SHEET REVISION SUMMARY
The following list represents the key differences be-
tween revision B (May 1994) and revision C (June
1994).
Global Change
DWIO mode cannot be set by reading the EEPROM or
writing directly to BCR18.
The Initialization Block must be on a double-word
boundary.
Detailed Functions
Page 1-888:
The section on PCnet-PCI controller I/O Resource Map-
ping is rewritten to reflect changes in methods of setting
DWIO mode.
User Accessible Registers
Page 1-955:
CSR1
The description for Initialization Block boundary require-
ment is rewritten for clarity.
Page 1-967:
CSR58
The description for bit 8 (SSIZE32) is rewritten for
clarity.
Page 1-982:
BCR18
The description for bit 7 (DWIO) is rewritten for clarity.
The following list represents the key differences be-
tween revision A (October 1993) and revision B (April
1994).
Page 1-987:
BCR20
The description for bit 8 (SSIZE32) is rewritten for
clarity.
Global Change
Look-Ahead Packet Processing (LAPP) is the name for
the early protocol analysis.
Block Diagram
Page 1-869:
The
LOCK pin is changed from bidirectional to unidirec-
tional. It is now an input only. The EESK/
LED1 pin is now
changed to bidirectional for typographical correction.
Connection Diagram
Page 1-877:
Various pin names have been changed for either en-
hanced clarity or to correct typographical errors.
The pins that are affected are 9, 58, 91, 94, 96, 97, 98,
100, 103, 108, 116, and 127.
Pin Designations
Page 1-879:
Various pin names have been changed for either en-
hanced clarity or to correct typographical errors.
The pins that are affected are 9, 58, 91, 94, 96, 97, 98,
100, 103, 108, 116, and 127.
Page 1-880:
The
LOCK pin is changed from an I/O to an input. No
driver type is available.
Page 1-881:
The IOH value for TS3 and TS6 are now –2. Driver type
O6 is removed. Driver type O8 is added.
Pin Description
Page 1-882:
Pin descriptions for various pins were rewritten for clar-
ity. The pins are
GNT, LOCK, and PERR.
Detailed Functions
Page 1-937:
Table 8
EEPROM Contents—Corrected the Hardware ID (byte
address 09h) value to 11h.
Page 1-944:
Figure 30
NAND Tree—Typographical errors were corrected.
User Accessible Regisers
Page 1-956:
CSR3
The bit name for bit 5 is changed to LAPPEN (Look-
Ahead Packet Processing ENable).
Page 1-958:
CSR4
The bit name for bit 9 is changed to MFCO (Missed
Frame Counter Overflow), and the bit name for bit 8 is
changed to MFCOM (Missed Frame Counter Overflow
Mask).
Page 1-971:
CSR80—The description for bits 9–8 is rewritten for
clarity.
Page 1-974:
CSR89—The upper 12 bits of the PCnet–PCI controller
part number contained in bits 11–0 are corrected. The
12 bits now read 0010 0100 0011b.
CSR90—The description for this register is removed,
because it is now a reserved register.
Page 1-975:
CSR124—The description for bit 3 is rewritten for
clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com