Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 30Page - NXP Semiconductors P83C266BDR Datasheet HTML 31Page - NXP Semiconductors P83C266BDR Datasheet HTML 32Page - NXP Semiconductors P83C266BDR Datasheet HTML 33Page - NXP Semiconductors P83C266BDR Datasheet HTML 34Page - NXP Semiconductors P83C266BDR Datasheet HTML 35Page - NXP Semiconductors P83C266BDR Datasheet HTML 36Page - NXP Semiconductors P83C266BDR Datasheet HTML 37Page - NXP Semiconductors P83C266BDR Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
1999 Mar 10
34
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
14 PIN FUNCTION SELECTION
Ports 1, 3 and 5 are dual purpose ports and can be
configured as general I/O port lines or selected as
alternative functions. Selection of the pin function as an
alternative function is achieved by setting the associated
port latch bit to a logic 1 and then enabling the alternative
function using its associated SFR.
14.1
Port 1 pin function selection
Port 1 is an 8-bit port which can be configured as eight
bidirectional port lines (P1.0 to P1.7) or as two external
interrupts (INT0 and INT1), two timer/counter inputs
(T0 and T1) and the I2C-bus lines (SDA and SCL).
P1.0 and P1.7 have no alternative functions.
To configure these pins as alternative functions the
corresponding bit in the Port 1 Latch (P1) should be
programmed to a logic 1. The I2C-bus lines are enabled by
setting the I2CE bit in the I2C-bus Port Control Register,
see Section 10.8. The remaining alternative functions are
enabled using the associated SFR.
To use Port 1 pins as general I/O lines the alternative
functions must be disabled.
14.2
Port 5 and P3.3 pin function selection
Port 5 pins can be selected as eight bidirectional port lines
(P5.0 to P5.7) or as seven 7-bit PWM outputs
(PWM0 to PWM6) and one 14-bit PWM output (TPWM).
Each 7-bit PWM output can be selected by setting the
PWMnE bit in its associated PWMn register, to a logic 1
(see Section 15.1). When the PWMnE bit is a logic 0 the
port line function is selected. The 14-bit PWM output
(TPWM) is selected by setting the TPWME bit in SFR
TDACH to a logic 1 (see Section 15.2).
P3.3 can also be selected as a bidirectional port line (P3.3)
or as a 7-bit PWM output (PWM7). The 7-bit PWM output
is enabled by setting the PWME7 bit in SFR PWM7 to a
logic 1 (see Section 15.1).
14.3
Port 3 pin function selection
Port 3 is a 4-bit port which can be configured as four
bidirectional port lines (P3.0 to P3.3) or as 3 ADC inputs
(ADC0 to ADC2) and one 7-bit PWM output (PWM7).
The selection of the PWM7 output is discussed in
Section 14.2.
To select the alternative function of these port lines the
corresponding bit in the Port 3 Latch (P3) should be
programmed to a logic 1. The ADC inputs are then
enabled using the SFR SAD2 as described in
Section 14.3.1.
To use Port 3 pins as general I/O lines the alternative
functions must be disabled.
14.3.1
ADC CONTROL REGISTER 2 (SAD2)
Table 36 ADC Control Register 2 (SFR address CAH)
Table 37 Description of SAD2 bits
76543210
−−−−−
ADCE2
ADCE1
ADCE0
BIT
SYMBOL
DESCRIPTION
7to3
−
These 5 bits are not used.
2
ADCE2
ADC2 input select. If ADC2 = 1, the ADC2 input is selected. If ADC2 = 0, the
open-drain bidirectional port line P3.2 is selected.
1
ADCE1
ADC1 input select. If ADC1 = 1, the ADC1 input is selected. If ADC2 = 0, the
open-drain bidirectional port line P3.1 is selected.
0
ADCE0
ADC0 input select. If ADC0 = 1, the ADC0 input is selected. If ADC0 = 0, the
open-drain bidirectional port line P3.0 is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com