Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 18Page - NXP Semiconductors P83C266BDR Datasheet HTML 19Page - NXP Semiconductors P83C266BDR Datasheet HTML 20Page - NXP Semiconductors P83C266BDR Datasheet HTML 21Page - NXP Semiconductors P83C266BDR Datasheet HTML 22Page - NXP Semiconductors P83C266BDR Datasheet HTML 23Page - NXP Semiconductors P83C266BDR Datasheet HTML 24Page - NXP Semiconductors P83C266BDR Datasheet HTML 25Page - NXP Semiconductors P83C266BDR Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
1999 Mar 10
22
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
11 INTERRUPT SYSTEM
External events and the real-time driven on-chip
peripherals require service by the CPU asynchronous to
the execution of any particular section of code. To tie the
asynchronous activities of these functions to normal
program execution a multiple-source, two-priority-level,
nested interrupt system is provided. The P8xCx66
acknowledges interrupt requests from twelve sources as
shown in Table 20.
Each interrupt vectors to a separate location in program
memory for its service routine. Each source can be
individually enabled or disabled by using corresponding
bits in the Interrupt Enable Registers (IEN0 and IEN1).
The priority level is selected via the Interrupt Priority
Registers (IP0 and IP1). All enabled sources can be
globally disabled or enabled. The minimum width of the
external interrupt signal is
≥6 XTAL clocks. The maximum
width of the interrupt signal is the total length of all
instructions in the interrupt service routine until the clear
instruction of the IRQ bit. The external interrupts are INT0,
INT1, P1.0, P1.1, P1.2, P1.3, P1.4 and P1.7.
11.1
External interrupts INT2 to INT7 and INT9
Port 1 lines also serve as additional interrupts
INT2 to INT7 (P1.0, P1.1, P1.2, P1.3, P1.4 and P1.7).
INT7 is used by the derivative functional blocks as follows:
X7
VSYNC interrupt 0063H
Using the IX1 register, each pin may be initialized to be
either active HIGH or active LOW except INT7 which is
fixed active HIGH because this interrupt is from another
derivative function. IRQ1 is the Interrupt Request Flag
Register. Each flag will be set on interrupt request but it
must be cleared by software, i.e. via the interrupt software.
11.2
Interrupt priority
Each interrupt source can be set to either high or low
priority. If both priorities are requested simultaneously, the
controller will branch to the high priority vector.
A low priority interrupt can only be interrupted by a high
priority interrupt. A high priority interrupt routine cannot be
interrupted
11.3
Related registers
The following registers are used in conjunction with the
interrupt system.
Table 19 Interrupt registers
REGISTER
ADDRESS
Interrupt Polarity Register (IX1)
E9H
Interrupt Request Flag Register (IRQ1)
C0H
Interrupt Enable Register 0 (IEN0)
A8H
Interrupt Enable Register 1 (IEN1);
interrupts INT2 to INT9
E8H
Interrupt Priority Register 0 (IP0)
B8H
Interrupt Priority Register 1 (IP1);
interrupts INT2 to INT9
F8H
Table 20 Interrupt request (priority within level)
INTERRUPT MNEMONIC
SOURCE
VECTOR ADDRESS
PX0 (highest)
external interrupt 0 (INT0)
0003H
S1
I2C-bus
002BH
T0
Timer 0 overflow
000BH
PX2
P1.0 port line
0033H
PX6
P1.4 port line
005BH
PX1
external interrupt 1 (INT1)
0013H
PX3
P1.1 port line
003BH
PX7
VSYNC interrupt
0063H
T1
Timer 1 overflow
001BH
PX4
P1.2 port line
0043H
PX5
P1.3 port line
004BH
PX9 (lowest)
P1.7 port line
0073H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com