Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 70 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 66Page - NXP Semiconductors P83C266BDR Datasheet HTML 67Page - NXP Semiconductors P83C266BDR Datasheet HTML 68Page - NXP Semiconductors P83C266BDR Datasheet HTML 69Page - NXP Semiconductors P83C266BDR Datasheet HTML 70Page - NXP Semiconductors P83C266BDR Datasheet HTML 71Page - NXP Semiconductors P83C266BDR Datasheet HTML 72Page - NXP Semiconductors P83C266BDR Datasheet HTML 73Page - NXP Semiconductors P83C266BDR Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
1999 Mar 10
70
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
18 EPROM PROGRAMMER
18.1
Interface to the on-chip EPROMs
The P87C766 contains two EPROMs: the program
EPROM and the OSD EPROM. The EPROM memory map
is shown in Fig.46.
The 64K
× 8-bit program EPROM is subdivided into four
EPROM modules: Modules 1 to 4, each of 16 kbytes.
The 8K
× 8-bit OSD EPROM is subdivided into two
modules: OSDL and OSDH, each of 4 kbytes. The OSDL
module provides the 8 LSBs of the 12-bit character word
and the OSDH module provides the 4 MSBs of the 12-bit
character word. The 4 MSBs of OSDH are not used and
should be programmed to logic 1s.
To ensure greater reliability and to reduce power
consumption, all unused EPROM cells should be
programmed to logic 1s.
To program the EPROM modules, several functions of the
EPROMs must be mapped to the pins of the package.
• The program EPROM uses 16 address lines: A0 to A15
– A0 to A13 are used for the EPROM address
– A14 and A15 are used to select one of the 4 program
EPROM modules; see Table 82.
• The OSD EPROM uses 13 address lines A0 to A12
– A0 to A11 are used for the EPROM address
– A12 is used to select one of the 2 OSD EPROM
modules; see Table 83.
• Data I/O: D0 to D7 are used for all EPROM modules
• Write Enable (WE): active LOW programming pulse
• Output Enable (OE): active LOW data output enable,
when in EPROM verify mode, OE must be LOW
• Programming voltage: the programming and verification
voltage (VPP) is typically 12.75 V; when programming
and verify operations have been completed VPP should
be reduced to 0 V.
All other signals to be connected to the EPROM module in
the programming/verification mode are generated
internally. Table 84 gives an overview of the functions
mapped to the pins.
Programming and verification waveform characteristics
are specified in Chapter 21.
Table 82 Selection of Program EPROM modules
Table 83 Selection of OSD EPROM modules
A15
A14
PROGRAM EPROM MODULE
0
0
Module 1
0
1
Module 2
1
0
Module 3
1
1
Module 4
A12
OSD EPROM MODULE
0
OSDL module
1
OSDH module
Table 84 Truth table for EPROM modules
OPERATION MODE
WE
OE
VPP
I/O
ADDRESS LINES
Programming Program EPROM
0
1
12.75
data in
A0 to A15
Verification Program EPROM
1
0
12.75
data out
A0 to A15
Programming OSD EPROM
0
1
12.75
data in
A0 to A12
Verification OSD EPROM
1
0
12.75
data out
A0 to A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com