Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 46Page - NXP Semiconductors P83C266BDR Datasheet HTML 47Page - NXP Semiconductors P83C266BDR Datasheet HTML 48Page - NXP Semiconductors P83C266BDR Datasheet HTML 49Page - NXP Semiconductors P83C266BDR Datasheet HTML 50Page - NXP Semiconductors P83C266BDR Datasheet HTML 51Page - NXP Semiconductors P83C266BDR Datasheet HTML 52Page - NXP Semiconductors P83C266BDR Datasheet HTML 53Page - NXP Semiconductors P83C266BDR Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
1999 Mar 10
50
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.3.2
OSD CONTROL REGISTER 1 (OSCON)
Table 52 OSD Control Register 1 (SFR address C1H)
Table 53 Description of OSCON bits
76543210
Split
Mesh
Mode
Hp
Vp
Bp
BF
OSDE
BIT
SYMBOL
DESCRIPTION
7
Split
Split space control. If Split = 0, then split space is disabled. If Spilt = 1, then split
space is enabled on frame-by-frame basis. Split space only effects Space 1 (SP1)
because Space 2 (SP2) is displayed transparent.
6
Mesh
OSD meshing mode. If Mesh = 0, then the OSD meshing mode is disabled.
If Mesh = 1, the OSD meshing mode is enabled.
5
Mode
Background mode selection. If Mode = 0, then TV mode is selected (FB only active
when there are characters displayed). If Mode = 1, then Frame mode is selected (FB is
active in every single active scan line; FB is inactive during horizontal and vertical
retrace period).
4Hp
HSYNC active polarity selection. If Hp = 0, then HSYNC is an active LOW input.
If Hp = 1, then HSYNC is an active HIGH input. See Fig.30.
3Vp
VSYNC active polarity selection. If Vp = 0, then VSYNC is an active LOW input.
If Vp = 1, then VSYNC is an active HIGH input. See Fig.30.
2Bp
Active R, G, B and FB output polarity selection. If Bp = 0, then these signals are all
active LOW. If Bp = 1, then these signals are all active HIGH. See Fig.31.
1BF
Character blinking frequency control. If BF = 0, the blinking frequency is 1
⁄32fVSYNC. If
BF = 1, the blinking frequency is 1
⁄64fVSYNC. The duty cycle of the blinking frequency is
fixed at 1 : 1.
0
OSDE
OSD circuit general enable/disable. If OSDE = 0, the OSD is disabled and the R, G, B
and FB signals stay in the inactive status (inverse of the Bp bit in SFR OSCON). If
OSDE = 1, the OSD is enabled.
Fig.30 HSYNC and VSYNC active level selection.
handbook, full pagewidth
MGL284
character display interval
fly-back period
fly-back period
HSYNC/VSYNC pin
Hp/Vp = 1 (active HIGH)
HSYNC/VSYNC pin
Hp/Vp = 0 (active LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com