Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 24Page - NXP Semiconductors P83C266BDR Datasheet HTML 25Page - NXP Semiconductors P83C266BDR Datasheet HTML 26Page - NXP Semiconductors P83C266BDR Datasheet HTML 27Page - NXP Semiconductors P83C266BDR Datasheet HTML 28Page - NXP Semiconductors P83C266BDR Datasheet HTML 29Page - NXP Semiconductors P83C266BDR Datasheet HTML 30Page - NXP Semiconductors P83C266BDR Datasheet HTML 31Page - NXP Semiconductors P83C266BDR Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
1999 Mar 10
28
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
11.9
Interrupt Request Flag Register (IRQ1)
Bits IQ9 and IQ6 to IQ2 will be set to a logic 1, if one of the two conditions specified below is met:
• If its associated port line is programmed to generate an interrupt when HIGH (selected using the Interrupt Polarity
Register) and the state of that port line is HIGH
• If its associated port line is programmed to generate an interrupt when LOW (selected using the Interrupt Polarity
Register) and the state of that port line is LOW.
IQ7 is set to a logic 1, if the interrupt condition is met within the corresponding derivative function. Therefore, all IRQ1 bits
serve not only as pending interrupt request bits but also as interrupt status bits. This means that even if the external
interrupts are disabled (using the Interrupt Enable Register 1) the IRQ1 bits can still be set to a logic 1 if the interrupt
condition is met within the corresponding derivative function. For example, if the interrupt condition within VSYNC is met
then:
• If IEN0.7 = X, IEN1.5 = 0 then IRQ1.5 = 1, no pending interrupt to CPU
• If IEN0.7 = 0, IEN1.5 = 1 then IRQ1.5 = 1, interrupt to CPU is pending
• If IEN0.7 = 1, IEN1.5 = 1 then IRQ1.5 = 1, interrupt will be serviced when either:
– The CPU finishes current instruction, if not in the interrupt service routine
– The current interrupt service routine is interrupted if the VSYNC has a higher interrupt priority
– This VSYNC interrupt becomes pending, waiting until the current higher priority level interrupt is serviced.
Bits IQ9 and IQ7 to IQ2 can be reset by software.
Table 31 Interrupt Request Flag Register (SFR address C0H)
Table 32 Description of IRQ1 bits
76543210
IQ9
−
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
BIT
SYMBOL
DESCRIPTION
7
IQ9
external interrupt 9 request flag (P1.7 port line)
6
−
reserved
5
IQ7
external interrupt 7 request flag (VSYNC interrupt)
4
IQ6
external interrupt 6 request flag (P1.4 port line)
3
IQ5
external interrupt 5 request flag (P1.3 port line)
2
IQ4
external interrupt 4 request flag (P1.2 port line)
1
IQ3
external interrupt 3 request flag (P1.1 port line)
0
IQ2
external interrupt 2 request flag (P1.0 port line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com