Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 22Page - NXP Semiconductors P83C266BDR Datasheet HTML 23Page - NXP Semiconductors P83C266BDR Datasheet HTML 24Page - NXP Semiconductors P83C266BDR Datasheet HTML 25Page - NXP Semiconductors P83C266BDR Datasheet HTML 26Page - NXP Semiconductors P83C266BDR Datasheet HTML 27Page - NXP Semiconductors P83C266BDR Datasheet HTML 28Page - NXP Semiconductors P83C266BDR Datasheet HTML 29Page - NXP Semiconductors P83C266BDR Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
1999 Mar 10
26
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
11.6
Interrupt Priority Register 0 (IP0)
Table 25 Interrupt Priority Register 0 (SFR address B8H)
Table 26 Description of IP0 bits
A logic 0 selects low priority; a logic 1 selects high priority.
11.7
Interrupt Priority Register 1 (IP1)
Table 27 Interrupt Priority Register 1 (SFR address F8H)
Table 28 Description of IP1 bits
Where PXx = 0 selects low priority; PXx = 1 selects high priority.
76543210
−−
PS1
−
PT1
PX1
PT0
PX0
BIT
SYMBOL
DESCRIPTION
7
−
These 2 bits are not used.
6
−
5
PS1
I2C-bus SIO interrupt priority level
4
−
This bit is not used.
3
PT1
Timer 1 interrupt priority level
2
PX1
external interrupt 1 priority level
1
PT0
Timer 0 interrupt priority level
0
PX0
external interrupt 0 priority level
76543210
PX9
−
PX7
PX6
PX5
PX4
PX3
PX2
BIT
SYMBOL
DESCRIPTION
7
PX9
enable external interrupt 9 priority level (P1.7 port line)
6
−
not used
5
PX7
enable external interrupt 7 priority level (VSYNC interrupt)
4
PX6
enable external interrupt 6 priority level (P1.4 port line)
3
PX5
enable external interrupt 5 priority level (P1.3 port line)
2
PX4
enable external interrupt 4 priority level (P1.2 port line)
1
PX3
enable external interrupt 3 priority level (P1.1 port line)
0
PX2
enable external interrupt 2 priority level (P1.0 port line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com