Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 5Page - NXP Semiconductors P83C266BDR Datasheet HTML 6Page - NXP Semiconductors P83C266BDR Datasheet HTML 7Page - NXP Semiconductors P83C266BDR Datasheet HTML 8Page - NXP Semiconductors P83C266BDR Datasheet HTML 9Page - NXP Semiconductors P83C266BDR Datasheet HTML 10Page - NXP Semiconductors P83C266BDR Datasheet HTML 11Page - NXP Semiconductors P83C266BDR Datasheet HTML 12Page - NXP Semiconductors P83C266BDR Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
1999 Mar 10
9
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
RESET
33
54
I
Reset input.
P1.0
34
57
I/O
Port 1: 8-bit open-drain, bidirectional port (P1.0 to P1.7) with 6 alternative
functions.
INT1 and INT0: external interrupts 1 and 0.
T1 and T0: 16-bit timer/counter 1 and 0 inputs
SCL: I2C-bus clock line
SDA: I2C-bus data line
P1.1/INT1
35
58
P1.2/T0
36
59
P1.3/INT0
37
62
P1.4/T1
38
63
P1.5/SCL
39
64
P1.6/SDA
40
65
P1.7
41
66
VDDD
42
33
−
5 V digital power supply.
VSS
−
1, 49, 56
−
Ground lines.
n.c.
−
9, 10, 27,
43, 44,
60, 61
−
not connected
INTD
−
2
I
These 3 signals are used for metalink+ emulation.
PH1SEM
−
14
I/O
S1ESEM
−
15
I/O
P2.0
−
17
I/O
Port 2: 8-bit open-drain, bidirectional port (P2.0 to P2.7).
P2.1
−
19
P2.2
−
21
P2.3
−
22
P2.4
−
35
P2.5
−
36
P2.6
−
47
P2.7
−
52
OSD_EPR_
TST
−
26
I/O
OSD EPROM test enable.
IDLPDEM
−
53
I/O
These 2 signals are used for metalink+ emulation.
EMUPBX
−
55
I/O
VSSD1
−
67
−
Ground line for digital circuits.
VDDD1
−
68
−
5 V digital power supply.
SYMBOL
PIN
I/O
DESCRIPTION
SDIP42
PLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com