Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 64Page - NXP Semiconductors P83C266BDR Datasheet HTML 65Page - NXP Semiconductors P83C266BDR Datasheet HTML 66Page - NXP Semiconductors P83C266BDR Datasheet HTML 67Page - NXP Semiconductors P83C266BDR Datasheet HTML 68Page - NXP Semiconductors P83C266BDR Datasheet HTML 69Page - NXP Semiconductors P83C266BDR Datasheet HTML 70Page - NXP Semiconductors P83C266BDR Datasheet HTML 71Page - NXP Semiconductors P83C266BDR Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
1999 Mar 10
68
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.15 OSD meshing
Meshing results is a contrast reduction of a selected video
area. This reduced contrast enhances the reliability of the
OSD character displayed in that area without the loss of
the video information in that area in case of a normal solid
background. This feature is implemented by replacing the
normal character solid background by a checker-board
pattern background and inverts this pattern every new
frame. The checker-board pattern itself is generated by
switching FB on and off with a pixel frequency in the first
frame and off and on in the next frame only for those OSD
characters that have background switched on.
• The OSD character itself or its contrast is not affected by
the meshing feature
• The meshing function is frame based
• Normal background is replaced by an alternating
meshing pattern
• For meshing the meshing bit and the background mode
must be set
• Meshing can only be activated in TV mode, e.g mode bit
(bit 5 in SFR OSCON) must be a logic 0.
Fig.43 TV/video signal superimposed with checker-board pattern.
handbook, full pagewidth
MGM684
TAXI
OSD background colour
checker-board pattern
TV/Video colour
Fig.44 Complete meshing feature.
handbook, full pagewidth
MGM685
TAXI
V
VOLUME
OLUME IIII
IIII
OSD character
(not affected by the checker-board pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com