Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 16Page - NXP Semiconductors P83C266BDR Datasheet HTML 17Page - NXP Semiconductors P83C266BDR Datasheet HTML 18Page - NXP Semiconductors P83C266BDR Datasheet HTML 19Page - NXP Semiconductors P83C266BDR Datasheet HTML 20Page - NXP Semiconductors P83C266BDR Datasheet HTML 21Page - NXP Semiconductors P83C266BDR Datasheet HTML 22Page - NXP Semiconductors P83C266BDR Datasheet HTML 23Page - NXP Semiconductors P83C266BDR Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
1999 Mar 10
20
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
Table 12 Status codes
S1STA VALUE
DESCRIPTION
MST/TRX mode
08H
a START condition has been transmitted
10H
a repeated START condition has been transmitted
18H
SLA and W have been transmitted, ACK received
20H
SLA and W have been transmitted. ACK received
28H
DATA of S1DAT has been transmitted, ACK received
30H
DATA of S1DAT has been transmitted, ACK received
38H
arbitration lost in SLA, R/W or DATA
MST/REC mode
38H
arbitration lost while returning ACK
40H
SLA and R have been transmitted, ACK received
48H
SLA and R have been transmitted, ACK received
50H
DATA has been received, ACK returned
58H
DATA has been received, ACK returned
SLV/REC mode
60H
own SLA and W have been received, ACK returned
68H
arbitration lost in SLA, R/W as MST; own SLA and W have been received, ACK
returned
70H
general CALL has been received, ACK returned
78H
arbitration lost in SLA, R/W as MST; general CALL has been received
80H
previously addressed with own SLA; DATA byte received, ACK returned
88H
previously addressed with own SLA; DATA byte received, ACK returned
90H
previously addressed with general CALL; DATA byte has been received, ACK returned
98H
previously addressed with general CALL; DATA byte has been received, ACK returned
A0H
a STOP condition or repeated START condition has been received while still addressed
as SLV/REC or SLV/TRX
SLV/TRX mode
A8H
own SLA and R have been received. ACK returned
B0H
arbitration lost in SLA, R/W as MST. Own SLA and R have been received, ACK
returned
B8H
DATA byte has been transmitted, ACK received
C0H
DATA byte has been transmitted, ACK received
C8H
last DATA byte has been transmitted (AA = logic 0) ACK received
Miscellaneous
00H
bus error during MST mode or SLV mode, due to an erroneous START or STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com