Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 4Page - NXP Semiconductors P83C266BDR Datasheet HTML 5Page - NXP Semiconductors P83C266BDR Datasheet HTML 6Page - NXP Semiconductors P83C266BDR Datasheet HTML 7Page - NXP Semiconductors P83C266BDR Datasheet HTML 8Page - NXP Semiconductors P83C266BDR Datasheet HTML 9Page - NXP Semiconductors P83C266BDR Datasheet HTML 10Page - NXP Semiconductors P83C266BDR Datasheet HTML 11Page - NXP Semiconductors P83C266BDR Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1999 Mar 10
8
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
5.2
Pin description
Table 2
Pin description for SDIP42 and PLCC68 packages
SYMBOL
PIN
I/O
DESCRIPTION
SDIP42
PLCC68
P5.0/TPWM
1
3
I/O
Port 5: 8-bit open-drain, bidirectional port.(P5.0 to P5.7) with 8 alternative
functions.
TWPM: 14-bit PWM output.
PWM0 to PWM6: 7-bit PWM outputs.
P5.1/PWM0
2
4
P5.2/PWM1
3
5
P5.3/PWM2
4
6
P5.4/PWM3
5
7
P5.5/PWM4
6
8
P5.6/PWM5
7
11
P5.7/PWM6
8
12
P3.0/ADC0
9
13
I/O
Port 3: 4-bit open-drain, bidirectional port.(P3.0 to P3.3) with 4 alternative
functions.
ADC0 to ADC2: ADC inputs.
PWM7: 7-bit PWM output.
P3.1/ADC1
10
16
P3.2/ADC2
11
18
P3.3/PWM7
12
20
P0.0 to P0.7
13 to 20
23 to 25,
28 to 32
I/O
Port 0: 8-bit open-drain, bidirectional port (P0.0 to P0.7).
VSSD
21
−
Ground line for digital circuits.
B
22
37
O
OSD blue colour output.
G
23
38
O
OSD green colour output.
R
24
39
O
OSD red colour output.
FB
25
40
O
OSD fast blanking output.
HSYNC
26
41
I
TV horizontal sync Schmitt trigger input (for OSD synchronization).
VSYNC
27
42
I
TV vertical sync Schmitt trigger input (for OSD synchronization).
VDDA
28
45
−
5 V analog power supply.
VSSA
29
46
−
Ground line for analog circuits.
VPP
30
48
I
+12.75 V programming voltage supply (OTP) for EPROM only. 0 V in
normal application. For the ROM version this pin is not connected.
XTALIN
31
50
I
Crystal input.
XTALOUT
32
51
O
Crystal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com