Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 78 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 74Page - NXP Semiconductors P83C266BDR Datasheet HTML 75Page - NXP Semiconductors P83C266BDR Datasheet HTML 76Page - NXP Semiconductors P83C266BDR Datasheet HTML 77Page - NXP Semiconductors P83C266BDR Datasheet HTML 78Page - NXP Semiconductors P83C266BDR Datasheet HTML 79Page - NXP Semiconductors P83C266BDR Datasheet HTML 80Page - NXP Semiconductors P83C266BDR Datasheet HTML 81Page - NXP Semiconductors P83C266BDR Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
1999 Mar 10
78
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
21.1
DC parameters of EPROM
21.2
Programming specification for programmer
Analog inputs: ADC0 to ADC2
VI
input voltage
VSS
−
VDD
V
Push-pull outputs: R, G, B and FB
IOL
LOW-level output current
−−
1.6
mA
IOH
HIGH-level output current
−−−1.6
mA
Open-drain outputs
tt(L-H)
transition time LOW to HIGH determined by external RC
network
25
−
100
ns
tt(H-L)
transition time HIGH to LOW load independent slope
control for a capacitance
load up to 50 pF
25
−
100
ns
IO(sink)
output sink current logic 0
VOL = 0.4
−−
1.6
mA
VOL = 1.0
−−
10
mA
System clock
fCLK
system clock frequency
4
−
12
MHz
OSD clock
fOSD
OSD clock frequency
4
−
12
MHz
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Toper
operating temperature (programming/verification)
−
25
−°C
IPP
programming current
−−
10.0
mA
VPP
programming voltage
12.50
12.75
13.0
V
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Toper
operating temperature (programming/verification)
−
25
−°C
VDD
supply voltage (reading)
4.5
5.0
5.5
V
VDDP
supply voltage (programming)
−
5.0
−
V
VDDP
supply voltage (verify)
−
5.8
−
V
tW(P)
programming pulse width per time
90
100
110
µs
Nprog
number of pulses for programming
−
5
−−
tacc(byte)
accumulated programming time per byte
450
500
550
µs
VPP
programming voltage
12.50
12.75
13.00
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com