Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 51Page - NXP Semiconductors P83C266BDR Datasheet HTML 52Page - NXP Semiconductors P83C266BDR Datasheet HTML 53Page - NXP Semiconductors P83C266BDR Datasheet HTML 54Page - NXP Semiconductors P83C266BDR Datasheet HTML 55Page - NXP Semiconductors P83C266BDR Datasheet HTML 56Page - NXP Semiconductors P83C266BDR Datasheet HTML 57Page - NXP Semiconductors P83C266BDR Datasheet HTML 58Page - NXP Semiconductors P83C266BDR Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
1999 Mar 10
55
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.5
Display RAM organization
The display character RAM is organized as 192
× 12 bits.
The general format of each RAM location is as follows.
Bits <11-5> hold character data: 1 out of 128 different
character fonts may be specified (126 customized fonts
plus 2 reserved codes). Bits <4-0> hold attribute data of
the character font, for example, colour, character size etc.
17.5.1
DISPLAY RAM FORMATS
There are four different formats to be considered:
1. Customer character code.
2. Carriage Return code
3. Space code 1 and Space code 2.
These formats are shown in Tables 70 to 72.
17.5.1.1
Customer character code
If bits <11-5> are in the range 00H to 7CH then this is a
customized character code.
Bits <4-2> select the character colour, a choice of
8 colours are available.
Bit <0> determines whether the character blinks or not.
The actual blinking frequency is determined by the BF bit
in SFR OSCON.
17.5.1.2
Carriage Return code
If bits <11-5> hold 7EH then this is the Carriage Return
code. A transparent pattern will be displayed on the
screen, the current display row will be terminated and the
character stored in the display RAM next to this code will
be displayed at the beginning of the next row.
Bits <4-3> select the size of the characters to be displayed
in the next row. The character size is independently
controlled in both the vertical and the horizontal direction.
Bit <4> controls the vertical size as shown in Table 65 and
bit <3> controls the horizontal size as shown in Table 66.
Figure 34 shows the four different character sizes
available.
Bits <2-1> select the display sub-mode of the next row.
Four sub-modes can be selected (see Table 67) in either
the Frame mode or the TV mode. Therefore a total of
8 different modes are available, these are illustrated in
Figs 35 and 36.
Bit <0> is the end of display control bit and stops the
display function before the last display RAM address
(191 decimal). By combining the ‘end of display’ feature
with the start RAM address (controlled by SFR OSSTART)
the display RAM can be configured into several banks for
fast display data switching. The states of the end of display
control bit are defined in Table 68.
Table 65 Selection of vertical size
Table 66 Selection of horizontal size
Table 67 Selection of sub-modes
Table 68 End of display control
BIT 4
VERTICAL SIZE
0
One vertical dot is equal to one horizontal
scan-line width.
1
One vertical dot is equal to two horizontal
scan-line widths.
BIT 3
HORIZONTAL SIZE
0
One horizontal dot is equal to one OSD clock
width.
1
One horizontal dot is equal to two OSD clock
widths.
BIT 2
BIT 1
SUB-MODE
0
0
Superimpose
0
1
North-West shadowing
1
0
Box shadowing
1
1
Border shadowing
BIT 0
OPERATION
0
Continue to display in next row.
1
Stop the display and wait for the next display
field. As soon as the horizontal and vertical
starting position has been reached, continue
to display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com