Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 76 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 72Page - NXP Semiconductors P83C266BDR Datasheet HTML 73Page - NXP Semiconductors P83C266BDR Datasheet HTML 74Page - NXP Semiconductors P83C266BDR Datasheet HTML 75Page - NXP Semiconductors P83C266BDR Datasheet HTML 76Page - NXP Semiconductors P83C266BDR Datasheet HTML 77Page - NXP Semiconductors P83C266BDR Datasheet HTML 78Page - NXP Semiconductors P83C266BDR Datasheet HTML 79Page - NXP Semiconductors P83C266BDR Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. Standard 80C51 register.
2. Read only register.
C6H
Horizontal Delay Register (HDEL)
−−−−
HDEL3
HDEL2
HDEL1
HDEL0
C7H
OSD FB Delay Register (OSFBD)
−
0
FBD3
FBD2
FBD1
FBD0
C8H
ADC Control Register (SAD)
#VHI
CH1
CH0
ST
SAD3
SAD2
SAD1
SAD0
C9H(1)
VSYNC Interrupt Register (VINT)
−−−−−−−
VLVL
CAH
ADC Control Register 2 (SAD2)
−−−−−
ADCE2
ADCE1
ADCE0
CFH
OSD Control Register 2 (OSCON2)
−−−
0R
G
B
−
D0H(1)
Program Status Word (PSW)
#CY
#AC
#F0
RS1
RS0
#OV
−
#P
D2H
TDACL
TD7
TD6
TD5
TD4
TD3
TD2
TD1
TD0
D3H
TDACH
TPWME
−
TD13
TD12
TD11
TD10
TD9
TD8
D8H
Serial Control Register (S1CON)
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
D9H(2)
Status Register (S1STA)
SC4
SC3
SC2
SC1
SC0
0
0
0
DAH
Data Shift Register (S1DAT)
D7
D6
D5
D4
D3
D2
D1
D0
DBH
Slave Address Register (S1ADR)
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
GC
DCH(2)
Internal Status Register (S1IST)
MST4
TX
BB
FB
ARL
SEL
AD0
SHRA
E0H(1)
Accumulator (ACC)
ACC7
ACC6
ACC5
ACC4
ACC3
ACC2
ACC1
ACC0
E4H
PWM0 (7-bit PWM)
PWM0E data6
data5
data4
data3
data2
data1
data0
E5H
PWM1 (7-bit PWM)
PWM1E data6
data5
data4
data3
data2
data1
data0
E6H
PWM2 (7-bit PWM)
PWM2E data6
data5
data4
data3
data2
data1
data0
E7H
PWM3 (7-bit PWM)
PWM3E data6
data5
data4
data3
data2
data1
data0
E8H(1)
Interrupt Enable Register 1 (IEN1)
EX9
−
EX7
EX6
EX5
EX4
EX3
EX2
E9H(1)
Interrupt Polarity Register (IX1)
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
ECH
PWM4 (7-bit PWM)
PWM4E data6
data5
data4
data3
data2
data1
data0
EDH
PWM5 (7-bit PWM)
PWM5E data6
data5
data4
data3
data2
data1
data0
EEH
PWM6 (7-bit PWM)
PWM6E data6
data5
data4
data3
data2
data1
data0
EFH
PWM7 (7-bit PWM)
PWM7E data6
data5
data4
data3
data2
data1
data0
F0H(1)
B Register (B)
B7
B6
B5
B4
B3
B2
B1
B0
F8H
Interrupt Priority Register 1 (IP1)
PX9
−
PX7
PX6
PX5
PX4
PX3
PX2
FFH
Watchdog timer Register (WDT)
T37
T36
T35
T34
T33
T32
T31
T30
ADDRESS
NAME
76543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com