Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 81 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 77Page - NXP Semiconductors P83C266BDR Datasheet HTML 78Page - NXP Semiconductors P83C266BDR Datasheet HTML 79Page - NXP Semiconductors P83C266BDR Datasheet HTML 80Page - NXP Semiconductors P83C266BDR Datasheet HTML 81Page - NXP Semiconductors P83C266BDR Datasheet HTML 82Page - NXP Semiconductors P83C266BDR Datasheet HTML 83Page - NXP Semiconductors P83C266BDR Datasheet HTML 84Page - NXP Semiconductors P83C266BDR Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
22 PINNING CHARACTERIZATION
This chapter describes every pin used in both the SDIP42 and PLCC68 packages.
22.1
Type of packages
SDIP42: for P8XCX66
PLCC68: for Metalink+ applications
Table 91 Explanation of symbols/terms used in Table 92
Table 92 Pin characteristics
SYMBOL/TERM
MEANING
STr
Schmitt trigger
Rpu
pull-up resistor
Rpd
pull-down resistor
Z
high-impedance
original state
the outputs keep the state they had before entering the Idle mode
PIN
SYMBOL
TYPE
INPUT LEVEL
OUTPUT TYPE
SLOPE
CONTROL
OUTPUT IN
IDLE MODE
OUTPUT
AFTER RESET
ACTIVE STATE
SW CONTROL
SDIP42
PLCC68
−
1VSS
−−
−
−
−
−
−
2
INTD
I
CMOS + Rpu(1)
−−
−
−
1
3
P5.0
I/O
CMOS
open-drain
Yes
original state
Z(2)
1
3
TPWM
O
−
push-pull
No
LOW
−
2
4
P5.1
I/O
CMOS
open-drain
Yes
original state
Z(2)
2
4
PWM0
O
−
open-drain
Yes
LOW
−
3
5
P5.2
I/O
CMOS
open-drain
Yes
original state
Z(2)
3
5
PWM1
O
−
open-drain
Yes
LOW
−
4
6
P5.3
I/O
CMOS
open-drain
Yes
original state
Z(2)
4
6
PWM2
O
−
open-drain
Yes
LOW
−
5
7
P5.4
I/O
CMOS
open-drain
Yes
original state
Z(2)
5
7
PWM3
O
−
open-drain
Yes
LOW
−
6
8
P5.5
I/O
CMOS
open-drain
Yes
original state
Z(2)
6
8
PWM4
O
−
open-drain
Yes
LOW
−
−
9
n.c.
−−
−
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com