Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C266BDR Datasheet(PDF) 74 Page - NXP Semiconductors

Part # P83C266BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266BDR Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button P83C266BDR Datasheet HTML 70Page - NXP Semiconductors P83C266BDR Datasheet HTML 71Page - NXP Semiconductors P83C266BDR Datasheet HTML 72Page - NXP Semiconductors P83C266BDR Datasheet HTML 73Page - NXP Semiconductors P83C266BDR Datasheet HTML 74Page - NXP Semiconductors P83C266BDR Datasheet HTML 75Page - NXP Semiconductors P83C266BDR Datasheet HTML 76Page - NXP Semiconductors P83C266BDR Datasheet HTML 77Page - NXP Semiconductors P83C266BDR Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
1999 Mar 10
74
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
Table 88 EPROM module selection.
MEMORY SIZE
ADDRESS LINES
DATA LINES
Program EPROM: Module 1
16K
× 8
14-bit address: A0 to A13;
Module 1 select: A14 = 0, A15 = 0
8-bit data byte: D0 to D7
Program EPROM: Module 2
16K
× 8
14-bit address: A0 to A13;
Module 2 select: A14 = 1, A15 = 0
8-bit data byte: D0 to D7
Program EPROM: Module 3
16K
× 8
14-bit address: A0 to A13;
Module 3 select: A14 = 0, A15 = 1
8-bit data byte: D0 to D7
Program EPROM: Module 4
16K
× 8
14-bit address: A0 to A13;
Module 4 select: A14 = 1, A15 = 1
8-bit data byte: D0 to D7
OSD EPROM (OSDL)
− LSBs
128
× 19 × 8
12-bit address: A0 to A11; OSDL select: A12 = 0
8-bit data byte: D0 to D7
OSD EPROM (OSDH)
− MSBs
128
× 19 × 8
12-bit address: A0 to A11; OSDH select: A12 = 1
8-bit data byte: D0 to D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com