Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 30 of 50
APPLICATIONS INFORMATION
The ADA4530-1 is a single, electrometer grade, CMOS
operational amplifier with femtoampere input bias current and
ultralow offset voltage. It operates over a wide supply voltage
range of 4.5 V (or ±2.25 V dual supply) to 16 V (or ±8 V dual
supply). It is a single-supply amplifier, where its input voltage
range includes the lower supply rail and has a rail-to-rail output.
The ADA4530-1 also achieves a low offset voltage of ±40 μV
maximum and offset voltage drift of ±0.5 μV/C maximum.
The ADA4530-1 has ultralow input bias currents that are
production tested at 25°C and 125°C to ensure that the device
meets its performance goals in a system application. An
integrated guard buffer is provided to minimize input pin
leakage in a printed circuit board (PCB) design, minimize
board component count, and enable ease of system design.
The guard buffer output pins are also strategically placed next
to the input pins to enable easy routing of the guard ring and
to prevent coupling between the inputs, power supplies, and
the output pin.
The ADA4530-1 is suited for applications requiring very low
input bias current and low offset voltage, including, but not
limited to, preamplifier applications, for a wide variety of
current output transducers (photodiodes, photomultiplier
tubes), spectrometry, chromatography, and high impedance
buffering for chemical sensors.
INPUT PROTECTION
When either input of the ADA4530-1 exceeds one of the supply
rails by more than 300 mV, the input ESD diodes become
forward-biased and large amounts of current begin to flow
through them. Without current limiting, this excessive fault
current causes permanent damage to the device. If the inputs
are expected to be subject to overvoltage conditions, insert a
resistor in series with each input to limit the input current to
10 mA maximum. However, consider the resistor thermal noise
effect on the entire circuit.
SINGLE-SUPPLY AND RAIL-TO-RAIL OUTPUT
The ADA4530-1 is a single supply amplifier with an input
voltage range (IVR) from V− to V+ − 1.5 V. The amplifier has a
small keep alive input stage that allows it to function properly
when the input common-mode voltage is greater than the
specified IVR. This feature allows the ADA4530-1 to start up
and recover quickly in certain types of circuits where the IVR is
violated at power-up. The ac and dc performance of this keep
alive stage is poor; do not rely upon this keep alive stage for
normal use.
Figure 100 shows the input and output waveforms of the
ADA4530-1 configured as a unity-gain buffer with a supply
voltage of ±8 V. The output tracks the input voltage over the
entire range until the output voltage is clamped at its maximum
output swing. Note that the amplifier still operates even when
the signal is outside the specified input voltage range (−8 V ≤
IVR ≤ +6.5 V); this is due to the keep alive stage. Additionally, it
does not phase reverse. It is not recommended to apply an input
voltage that is outside of the input voltage range.
10
2
–2
6
4
8
0
–6
–4
–8
–10
TIME (200µs/DIV)
VSY = ±8V
VIN = ±8.3V
AV = +1
RL = 10kΩ
CL = 10pF
VIN
VOUT
Figure 100. No Phase Reversal
CAPACITIVE LOAD STABILITY
The ADA4530-1 can safely drive capacitive loads of up to
250 pF in any configuration. As with most amplifiers, driving
larger capacitive loads than specified may cause excessive
overshoot and ringing, or even oscillation. A heavy capacitive
load reduces phase margin and causes the amplifier frequency
response to peak. Peaking corresponds to overshooting or
ringing in the time domain. Therefore, it is recommended that
external compensation be used if the ADA4530-1 must drive a
load exceeding 250 pF. This compensation is particularly
important in the unity-gain configuration, which is the worst
case for stability.
A quick and easy way to stabilize the op amp for capacitive load
drive is by adding a series resistor, RISO, between the amplifier
output terminal and the load capacitance, as shown in Figure 101.
RISO isolates the amplifier output and feedback network from
the capacitive load. However, with this compensation scheme,
the output impedance as seen by the load increases, and this
reduces gain accuracy.
–VSY
VIN
+VSY
VOUT
CL
ADA4530-1
RISO
Figure 101. Stability Compensation with Isolating Resistor, RISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com