Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 45 of 50
GAIN (dB)
FREQUENCY (Hz)
CLOSED-LOOP BANDWIDTH
SIGNAL BANDWIDTH
IF CF =0fF
NG2
NG1
NOISE GAIN
OPEN-LOOP GAIN
f1
fUGC
f2
f3
Figure 126. Transimpedance Noise Gain vs. Frequency
For completeness, the noise gain equations are as follows:


1
2
1
2
1
)
(
2
1
S
F
f
f
f
f
R
R
f
NG

SHUNT
F
SHUNT
F
SHUNT
F
1
C
C
R
R
R
R
f
1
F
F
2
C
R
f
1
For simplicity, bandwidth limitations are ignored in the noise
gain equations. The noise gain starts to roll-off when it
intersects with the open-loop gain of the amplifier. This pole
frequency (f3) is determined by the unity gain crossover
frequency (fUGC) of the amplifier and the high frequency noise
gain, NG2, as follows:


F
SHUNT
UGC
C
C
f
f
1
3
(3)
The addition of CF has an impact on the signal frequency
response. At low frequencies, the transimpedance gain is equal
to RF. As the frequency increases, the impedance of CF drops
below RF and starts to reduce this transimpedance gain. This
signal gain equation is as follows:
1
2
1
)
(
2
F
f
f
R
f
Gain
Signal
NOISE ANALYSIS
Photodiode TIA circuits have four noise sources that must be
considered:
The thermal noise of the feedback resistor (RF)
The saturation current noise of the photodiode
The current noise of the amplifier
The voltage noise of the amplifier
The noise contributions of these sources are typically referred to
output for analysis. The thermal noise of RF appears directly at
the output. This noise is filtered by the feedback capacitance so
that its −3 dB bandwidth is the same as the signal bandwidth (f2).
The photocurrent of a photodiode, IPD, produces shot noise equal to
INPD = √(2qIPD)
It is a mistake to assume that the noise goes to zero as the diode
current goes to zero. Zero net current out of the diode simply
means that the saturation current flowing in one direction is at
thermal equilibrium with the saturation current flowing in the
opposite direction. These currents are uncorrelated and add in a
root sum square fashion. This net current noise is equivalent to
the thermal noise of a physical resistor with a value of RSHUNT.
This convenient fact allows the photodiode to be accurately
modeled with a simple resistor, RSHUNT. The thermal noise of
RSHUNT is amplified by the ratio of the feedback resistance to the
shunt resistance. This noise is also filtered to the signal bandwidth.
The current noise of the amplifier flows through the feedback
resistor to become a noise voltage at the output. It is subject to
the same bandwidth limitations as the previous noise contributors.
The voltage noise of the amplifier is multiplied by the noise gain
of the circuit to the output. This noise source is significant for
two reasons. First, the high frequency noise gain can be high
due to the large ratio between the shunt capacitance and the
feedback capacitance. Second, the voltage noise bandwidth is
much higher than the other contributors. The noise bandwidth
is limited only by bandwidth of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com