Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 35 of 50
The size of C2 reflects the proportion of slow molecules. The
size depends on the material but it is typically 100 to 10,000
times smaller than C1. The size of R2 sets the time constant.
τ2 = R2 × C2
INSULATOR
MODEL
RS
R2
C2
C1
VSRC
ISRC
Figure 108. Dielectric Relaxation Model Test Circuit
VSRC
ISRC
TIME
1 = RS × C1
2 = R2 × C2
Figure 109. Step Response of Dielectric Relaxation Model
The current step response (ISRC) of the insulator to a voltage step
is shown in Figure 108. A large initial current charges Capacitor C1
with a fast time constant. This time constant, τ1, equals the source
resistance RS × C1 (see Figure 109). Long after Capacitor C1 is
charged, a much smaller current continues to flow, which charges
Capacitor C2. The time constant of charging is not affected by
the external circuitry; it depends only on the material proper-
ties of the insulator. The magnitude of the current depends on
the magnitude of the voltage change across the insulator.
The dielectric relaxation performance was measured for a
variety of PCB laminates using the test circuit in Figure 108.
An electrometer grade source measurement unit (SMU),
Keithley 6430, applies a ±100 V test stimulus and measures the
resulting current. The large alternating polarity test voltage
distinguishes the small dielectric relaxation current from the
input offset current of the SMU.
The first PCB laminate tested is the industry-standard FR-4
glass epoxy. The measurement results are shown in Figure 110.
The glass epoxy laminate requires 1 hour to dissipate the
dielectric relaxation current to less than 10 fA. This result shows
that glass epoxy laminates are unsuitable for the highest
performance electrometer circuits.
125
–125
–100
–75
–50
–25
0
25
50
75
100
20
–20
–16
–12
–8
–4
0
4
8
12
16
04.0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
ELAPSED TIME (Hours)
VSRC
ISRC
Figure 110. Glass Epoxy Dielectric Relaxation Performance
An alternative PCB laminate to consider is Rogers 4350B.
Rogers 4350B is a ceramic laminate designed for RF/microwave
circuits. Rogers 4350B is compatible with standard PCB produc-
tion techniques and is widely available. The measurement
results for the Rogers 4350B material are shown in Figure 111.
This material requires less than 20 sec to dissipate the dielectric
relaxation current to less than 1 fA.
Based on its superior performance, it is recommended to use
Rogers 4350B laminates with the ADA4530-1 in the highest
performance applications. All of the critical characterization
measurements of the ADA4530-1 are taken using Rogers 4350B.
125
–125
–100
–75
–50
–25
0
25
50
75
100
10
–10
–8
–6
–4
–2
0
2
4
6
8
0200
120
140
160
180
100
80
60
40
20
ELAPSED TIME (Seconds)
VSRC
ISRC
Figure 111. Rogers 4350B Dielectric Relaxation Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com