Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 23 of 50
TIME (1µs/DIV)
VSY = 4.5V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 73. Negative Settling Time to 0.1%, VSY = 4.5 V
TIME (1µs/DIV)
VSY = 10V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 74. Negative Settling Time to 0.1%, VSY = 10 V
TIME (1µs/DIV)
VSY = 16V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 75. Negative Settling Time to 0.1%, VSY = 16 V
TIME (1µs/DIV)
VSY = 4.5V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 76. Positive Settling Time to 0.1%, VSY = 4.5 V
TIME (1µs/DIV)
VSY = 10V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 77. Positive Settling Time to 0.1%, VSY = 10 V
TIME (1µs/DIV)
VSY = 16V
DUT AV = –1
RL = 10kΩ
CL = 10pF
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
Figure 78. Positive Settling Time to 0.1%, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com