Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 39 of 50
CURRENT NOISE CONSIDERATIONS
The current noise from an amplifier input pin is important
when it flows through an impedance and generates a voltage
noise. If the current noise and impedance are large enough, the
resulting voltage noise can dominate the other noise sources in
the circuit such as the voltage noise of the resistors and amplifier.
For an electrometer amplifier such as the ADA4530-1, the
typical circuit impedances are so large that the current noise of
the amplifier can be the most important noise source.
To measure current noise, it is necessary to flow the noise
current through a test impedance large enough that the
resulting noise voltage is larger than the other noise voltages in
the circuit. Practically, this test impedance is usually a resistor.
All resistors have their own thermal noise. The value of thermal
noise is usually presented as an output referred voltage noise
spectral density (NSD), VNRTO.
VNRTO = √(4kTR)
where:
k is Boltzmann’s constant.
T is the temperature in Kelvin.
R is the resistance value.
The resistor thermal noise can be interpreted as a current NSD
by dividing the thermal noise with the resistance value, R, per
Ohm’s Law.
Table 8 shows the thermal noise of a series of resistor values
presented as both voltage and current noise. The current noise
of a resistor decreases as the resistance increases. This surprising
result illustrates that it is necessary to use high valued resistors
to measure low levels of current noise.
Table 8. Resistor Thermal Noise
Resistor Value
Voltage Noise
Current Noise
1 MΩ
128 nV/√Hz
128 fA/√Hz
100 MΩ
1.28 μV/√Hz
12.8 fA/√Hz
10 GΩ
12.8 μV/√Hz
1.28 fA/√Hz
1 TΩ
128 μV/√Hz
128 aA/√Hz
The measurement setup used to gather the current noise data is
shown in Figure 116. The ADA4530-1 is configured as a TIA
with a large value feedback resistor, RF. All amplifier current
noise from the inverting input flows through Resistor RF to
produce a voltage noise at VOUT.
RF
CF
ADA4530-1
SR785
DSA
VOUT
Figure 116. Current Noise Measurement Setup
The output referred voltage NSD, VNRTO, is sampled by the SR785
high performance dynamic signal analyzer (DSA) and is equal
to the root-sum-square of the amplifier current noise multiplied by
RF, the resistor thermal noise, and amplifier voltage noise.
VNRTO = √((IN−RF)2 + 4kTRF + VN2)
where:
IN− is the amplifier inverting current noise.
4kTRF is the resistor thermal noise.
VN2 is the amplifier voltage noise.
Calculate the current noise of the amplifier from VNRTO as follows:
F
N
F
NRTO
N
R
V
kTR
V
I
2
2
4
(1)
For Equation 1 to be valid, the measured noise must be somewhat
larger than the resistor thermal noise plus the amplifier voltage
noise. In practice, ensure that the resistor current noise is less
than or equal to the amplifier current noise. For example, if the
amplifier noise is expected to be 2 fA/√Hz, use a value of RF that
is at least 10 GΩ, according to Table 8.
The amplifier voltage noise is not a concern at most frequencies
because the resistor thermal noise is much larger than the amplifier
voltage noise. At very low frequencies, this assumption is not
valid due to the 1/f characteristic of the amplifier voltage noise.
It is important to consider the bandwidth limitations of the
current noise measurement system shown in Figure 116. The
presence of stray capacitance makes it impossible to maintain
the high impedances required for the measurement. All stray
capacitance that couple the amplifier output to the inverting
input can be lumped into a single capacitor, CF, as shown in
Figure 116.
The current noise must pass through RF to become voltage
noise. However, in practice, the current noise passes through
the parallel combination of RF and CF to become voltage noise.
At frequencies higher than the RFCF pole, most of the noise current
flows through the capacitor and current noise calculations at
these frequencies are error prone due to the distributed parasitic
nature of CF. A good guideline is to set the measurement band-
width limit equal to the RFCF pole frequency.
The measurement bandwidth limitations for high valued resistors
can be surprisingly low. Table 9 shows the −3 dB bandwidth of a
series of resistor values with a practical minimum stray capacitance
value.
Table 9. Bandwidth Limitations
Resistor Value
Capacitor Value
−3 dB Bandwidth
1 MΩ
100 fF
1.59 MHz
100 MΩ
100 fF
15.9 kHz
10 GΩ
100 fF
159 Hz
1 TΩ
100 fF
1.59 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com