Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 50Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 49 of 50
POWER SUPPLY RECOMMENDATIONS
Analog Devices offers a wide range of power management
products to meet the requirements of most high performance
signal chains.
Examples of a single- and dual-supply solution is shown in
Figure 133. The ADP2370 and ADP5075, cascaded with the
ADP7118 or ADM7170, and the ADP7182 generate clean
positive and negative rails. These rails power the ADA4530-1,
electrometer amplifier and/or the precision converter in a
typical signal chain.
+5V
3.3V
INPUT
ADP5070
BOOST AND
INVERTING
REGULATOR
ADP7118
LDO
ADP7182
LDO
ADP2370
BUCK
REGULATOR
+7.5V
OR +5V
+8.5V
OR +6V
ADP7118
LDO
ADP5075
INVERTING
REGULATOR
–8.5V
OR –6V
+6V
–6V
–5V
ADP7182
LDO
15V/12V/6V
INPUT
ADM7170/
ADP7118
LDO
+12V/+10V/+5V
12V
INPUT
–7.5V
OR –5V
Figure 133. Recommended Power Solutions
Table 16. Recommended Power Management Devices
Product
Description
ADP5075
800 mA, dc-to-dc inverting regulator
ADP2370
High voltage, 1.2 MHz/600 kHz, 800 mA, low
quiescent current buck regulator
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADM7170
6.5 V, 500 mA, ultralow noise, high PSRR, CMOS LDO
ADP7118
20 V, 200 mA, low noise, high PSRR, CMOS LDO
ADP7182
−28 V, −200 mA, low noise, linear regulator
POWER SUPPLY CONSIDERATIONS
The PSRR of the ADA4530-1 is excellent at dc (approximately
150 dB); however, it decreases as frequency increases. To achieve
the best performance of the ADA4530-1, a low-noise supply is
necessary. If switching supplies are used for input rails, a low
dropout regulator (LDO) is essential to attenuate the switching
spurs to a level that does not affect the ADA4530-1 output.
Switching power supply noise typically spans a frequency range
from 300 kHz and up. The switching spurs can effectively be
attenuated using the LDO. Additional filtering around the LDO
may be necessary, especially when using a switching regulator to
generate an intermediate rail. Switching regulators also generate
high frequency noise content (>100 MHz), even when running
in the 100 kHz range, because of the high dv/dt of the switch
node. In this case, ferrite beads can be used, as described in the
AN-1120 Application Note and the AN-1368 Application Note.
For a single-supply application, the ADA4530-1 typically needs
a 5 V, 10 V, or 12 V supply, although a 4.5 V to 16 V supply can
also be used. An LDO like the ADM7170 or ADP7118 is ideal
to generate the low noise rail.
For a dual-supply application, the ADA4530-1 typically needs a
±5 V supply, although in some applications, a ±2.5 V to ±8 V
supply can be used. LDOs like the ADP7118 or ADM7170 are the
optimum choices for the positive supply, and the ADP7182 for
the negative supply. In addition, if a negative supply is not already
available, the ADP5075 or the ADP5070 can generate the
negative supply from a positive supply, as shown in Figure 133.
Figure 134 shows the combined PSRR of using the ADP7118 to
provide +5 V on +VSY of the ADA4530-1, and the ADP7182 to
provide –5 V on–VSY, from a 9 V battery main supply. Figure 135
shows the maximum allowable ripple at the input so that the
combined PSRR of the LDO and the amplifier can still attenuate
the noise level down to the noise floor.
For example, if the main supply to the ADP7118 and ADA4530-1
has a switching noise of 20 mV p-p at 300 kHz, Figure 135 shows
that it is below the maximum value of 90 mV p-p. Therefore,
the combined PSRR of the system can still attenuate and bring
the noise level down to the noise floor, in effect, the 300 kHz
noise at the input is not seen at the output of the amplifier.
0
–120
–100
–80
–60
–40
–20
10k
10M
1M
100k
FREQUENCY (Hz)
+PSRR
–PSRR
Figure 134. Positive and Negative PSRR for the ADP7118 and ADP7182
Powering ADA4530-1, ±VSY = ±5 V, +IN = 0 V
100
1000
0.01
0.1
1
10
10
1
0.1
0.01
ADP7118
ADP7182
FREQUENCY (Hz)
Figure 135. Maximum Allowable Ripple at the Input of the LDOs to Bring
Spurs To Noise Floor Level (−120 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com