Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 36 of 50
HUMIDITY EFFECTS
The insulation resistance of the materials used to construct
circuits is sensitive to moisture. At lower temperatures (<70°C)
the insulation resistance creates more significant leakage
current errors than the amplifier itself. This means that the
relative humidity of the air is the most important error source at
lower temperatures. The dependence on humidity is evident in
the input bias current vs. temperature graphs (see Figure 34 to
Figure 36). There is significant deviation in the low temperature
measurements due to the difficulty maintaining a consistently
low relative humidity at low temperatures.
To evaluate the humidity sensitivity of insulation resistance,
there are two mechanisms which must be considered:
adsorption and absorption.
Adsorption is a process where thin films of molecules adhere to
the surface of a material. Water molecules are subject to this
process. The magnitude of the effect depends on the insulating
material and the relative humidity. Thin films of moisture are
conductive, and they act as leakage resistances in parallel with
the insulation resistance of the material. Because this is a
surface effect, guard ring techniques are effective at reducing it.
Absorption is a process where molecules enter the bulk of a
material. Water molecules can diffuse into a material and affect
the bulk conductivity of that material. Because the leakage paths
are through the bulk of the material, guard rings are not
effective at reducing it.
It is not possible to completely guard all the leakage paths: bulk
or surface. A relevant example of this limitation is the molding
compound of the SOIC package housing the ADA4530-1.
Surface and bulk paths exist from the input pins to all other
pins of the package. The nature of the resulting current depends
on the specific leakage path: paths to V+ increase the bias
current flowing out of the amplifier, paths to V− increase the
bias current flowing into the amplifier, and paths to VOUT lower
the effective feedback resistance in TIA circuits.
Consider the example of a circuit powered from ±5 V power
supplies with an input common-mode voltage of 0 V. Assume
that all of the leakage resistance between the input and V+ is
effectively 100 TΩ. This resistance creates a current equal to
50 fA flowing from V+. Assume that the leakage resistance
between the input and V− is effectively 250 TΩ. This resistance
creates a current equal to 20 fA flowing to V−. The net current
equals −30 fA flowing out of the input pin.
All of these leakage currents can be combined with the
amplifier input bias current and treated as an effective input
bias current. The effective input bias current sensitivity to
relative humidity of the ADA4530-1 is characterized for several
units. The test amplifiers are configured in TIA and unity buffer
circuits with 100 GΩ, hermetically sealed resistors (RX-1M1009FE)
as the feedback and source resistors, respectively. These glass
bodied resistors have a silicone coating (glass has poor humidity
adsorption properties). The ADA4530-1 amplifiers are mounted
on Rogers 4350B PCBs (glass epoxy boards have poor humidity
absorption properties).
Figure 112 shows the effective input bias current vs. relative
humidity for seven characterization units. Figure 112 is plotted
with a split log axis to effectively show the magnitude and polarity
of the bias current. The magnitude of the leakage currents
changes by more than factor of 100 across the relative humidity
span from 5% to 80%. The effective bias current is much less
than 1 fA for typical conditioned environments (RH < 50%).
100
10
1
0.1
–0.1
0
20406080
RELATIVE HUMIDITY (%)
–1
–10
–100
–1000
VSY = 10V
TA = 25°C
VCM = VSY/2
7 UNITS
Figure 112. Effective Input Bias Current vs. Relative Humidity
The magnitude of the effective input bias current becomes very
sensitive to the relative humidity at higher humidity levels
(>60%). Some of the units show an exponential dependence on
humidity (see the blue curve in Figure 112). Other units show a
less predictable dependence; the leakage current magnitude
increases rapidly, but the polarity can change. The net leakage
current is the sum of the currents sourced from higher voltages
(like V+) with the currents sunk by lower voltages (like V−). As
the humidity changes, the relative magnitudes of each of these
leakage paths can change, which can result in changes in the
polarity of the leakage current (see the red and green curves in
Figure 112).
The response time of these leakage currents depends on the
physical process that causes them. Because adsorption is a
surface effect, the film thickness rapidly achieves equilibrium
with changes in the relative humidity of the air. Because
absorption is a bulk diffusion process, it is very slow compared
to the adsorption process.
These widely different time constants mean that the effective
input bias current responds quickly to a step change in relative
humidity, but has a very long settling time. The step response of
one amplifier to a 50% to 60% relative humidity change is
shown in Figure 113. The high frequency response of the initial
humidity step (and the overshoot recovery) is on the order of
seconds to tens of seconds. Complete settling takes over a week
as the moisture slowly diffuses through the PCB insulation and
package molding compound. Note that each data point in
Figure 112 was taken after one week of settling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com