Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 16 of 50
1000
0.001
0.01
0.1
1
10
100
010
30
20
40
50
60
70
80
90 100 110 120 130
TEMPERATURE (°C)
VSY = 4.5V
VCM = VSY/2
RH < 10%
–40°C TO +85°C LIMIT
–40°C TO +125°C LIMIT
IB+
IB–
Figure 34. Input Bias Current (IB) vs. Temperature, VSY = 4.5 V
1000
0.001
0.01
0.1
1
10
100
010
30
20
40
50
60
70
80
90 100 110 120 130
TEMPERATURE (°C)
VSY = 10V
VCM = VSY/2
RH < 10%
–40°C TO +85°C LIMIT
–40°C TO +125°C LIMIT
IB+
IB–
Figure 35. Input Bias Current (IB) vs. Temperature, VSY = 10 V
1000
0.001
0.01
0.1
1
10
100
010
30
20
40
50
60
70
80
90 100 110 120 130
TEMPERATURE (°C)
VSY = 16V
VCM = VSY/2
RH < 10%
–40°C TO +85°C LIMIT
–40°C TO +125°C LIMIT
IB+
IB–
Figure 36. Input Bias Current (IB) vs. Temperature, VSY = 16 V
120
100
80
60
40
20
0
–250 –200 –150 –100 –50
0
50
100
150
200
250
IB– (fA)
VSY = 10V
VCM = VSY/2
590 CHANNELS
TA = 125°C
x = –40.69fA
σ = 24.54fA
Figure 37. Inverting Input Bias Current Histogram, TA = 125C, VSY = 10 V
120
100
80
60
40
20
0
–250 –200 –150 –100 –50
0
50
100
150
200
250
IB+ (fA)
VSY = 10V
VCM = VSY/2
590 CHANNELS
TA = 125°C
x = –74.59fA
σ = 23.66fA
Figure 38. Noninverting Input Bias Current Histogram, TA = 125°C, VSY = 10 V
160
120
140
100
80
60
40
20
0
–150 –120 –90
–60
–30
0
30
60
90
120
150
IOS (fA)
VSY = 10V
VCM = VSY/2
590 CHANNELS
TA = 125°C
x = 33.9fA
σ = 17.9fA
Figure 39. Input Offset Current Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com