Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 31 of 50
Figure 102 shows the phase margin of the ADA4530-1 with
different values of output isolating resistors and capacitive
loads. Figure 103 shows the frequency response with 1 nF
capacitive load and different isolating resistors.
80
60
50
70
40
VSY = 10V
AV = +1
RISO = 301Ω
RISO = 499Ω
RISO = 732Ω
100
1000
10000
CAPACITIVE LOAD (pF)
Figure 102. Phase Margin vs. Load Capacitance with Various Output
Isolating Resistors
100
40
0
80
20
–20
60
–40
100
40
0
80
20
–20
60
–40
VSY = 10V
AV = +1
CL = 1nF
PHASE
GAIN
1k
100k
10k
1M
10M
FREQUENCY (Hz)
GAIN (RISO = 0Ω)
GAIN (RISO = 301Ω)
GAIN (RISO = 732Ω)
PHASE (RISO = 0Ω)
PHASE (RISO = 301Ω)
PHASE (RISO = 732Ω)
Figure 103. Frequency Response with CL = 1 nF and Various Isolating
Resistors
EMI REJECTION RATIO
Circuit performance is often adversely affected by high frequency
electromagnetic interference (EMI). When the signal strength is
low and transmission lines are long, an op amp must accurately
amplify the input signals. However, all op amp pins—the
noninverting input, inverting input, positive supply, negative
supply, and output pins—are susceptible to EMI signals. These high
frequency signals are coupled into an op amp by various means,
such as conduction, near field radiation, or far field radiation. For
example, wires and PCB traces can act as antennas and pick up
high frequency EMI signals.
Amplifiers do not amplify EMI or RF signals due to their
relatively low bandwidth. However, due to the nonlinearities of
the input devices, op amps can rectify these out of band signals.
When these high frequency signals are rectified, they appear as
a dc offset at the output.
To describe the ability of the ADA4530-1 to perform as intended
in the presence of electromagnetic energy, the electromagnetic
interference rejection ratio (EMIRR) of the noninverting pin is
specified in Table 1, Table 2, and Table 3 of the Specifications
section. A mathematical method of measuring EMIRR is
defined as follows:
EMIRR = 20log(VIN_PEAK/ΔVOS)
Figure 104 shows the typical EMIRR vs. frequency performance
for each of the specified supply voltages.
120
100
70
20
40
90
60
30
110
80
50
10M
100M
1G
10G
FREQUENCY (Hz)
VSY = 4.5V
VSY = 10V
VSY = 16V
VSY = 4.5V TO 16V
Figure 104. EMIRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com