Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 50Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 46 of 50
Each of these noise contributors is graphed vs. frequency in
Figure 127. A summary of the noise sources and their RTO
contributions is shown in Table 12. The total RTO noise adds
the contributions of each noise source in root sum square.
FREQUENCY
1
10
100
0.1
110
100
1k
f1
f2
f3
RF
RSHUNT
IN–
VN
Figure 127. Photodiode TIA RTO Noise Spectral Density
Table 12. Photodiode Interface Noise Sources
Noise Source
RTO Noise
Noise Bandwidth
RF
√(4kTRF)
π/2 × f2
Photodiode
(RF/RSHUNT)√(4kTRSHUNT)
π/2 × f2
IN− Amplifier
RF × IN−
π/2 × f2
VN Amplifier
VN × noise gain
π/2 × f3
DESIGN RECOMMENDATIONS
The design goal for a large area photodiode TIA circuit is
usually to maximize SNR and minimize dc errors. Increasing
the feedback resistor size accomplishes both goals. The signal
gain increases directly with RF, whereas the noise increases in a
square root fashion. High gains also make the output signal
large relative to output voltage errors (such as VOS).
The upper limit for RF is typically determined by one of the
following:
Amplifier output swing. The maximum photocurrent
multiplied by RF must be less than amplifier swing
limitations.
Signal bandwidth (or settling time). Signal bandwidth is
dependent on RF × CF. Achieving high signal bandwidths
with large feedback resistors can require vanishingly small
feedback capacitors to implement. The ultimate limitation
is due to the parasitic feedback capacitance from the
fringing electric fields in the circuit. Parasitic capacitances
in the 50 fF to 100 fF range are possible. To put this in
perspective, a 100 fF parasitic capacitance limits the signal
bandwidth of a 100 GΩ TIA to 16 Hz.
The thermal noise of the photodiode (RSHUNT). When RF is
significantly larger than RSHUNT, the total noise is domi-
nated by the photodiode and the SNR stops improving.
The current noise of the amplifier. When the current noise
of the amplifier is larger than the noise of RF, the SNR stops
improving. The photodiode noise is higher than the
amplifier current noise in nearly all practical photodiodes.
The low frequency noise gain due to RSHUNT. When RF is
larger than RSHUNT, the noise gain multiplies VOS and TCVOS
errors and the signal to error ratio stops improving.
The signal bandwidth increases as the feedback capacitance (CF)
decreases. The lower limit for CF is typically limited by one of
the following:
Parasitic feedback capacitances limit the minimum value of
CF to 50 fF to 100 fF.
Available component values. Physical components can be
found in surface mount packages for values from 0.1 pF to
1 pF in 100 fF increments.
Feedback loop stability. CF must be large enough to recover
enough phase shift prior to the loop crossover for stable
operation. This capacitance value can be a significant
consideration for smaller values of RF. Large values
(>1 GΩ) tend to be self compensating through the parasitic
feedback capacitance.
High frequency noise gain. The high frequency noise gain
is set by the ratio of CSHUNT to CF. For very large noise gains,
it is possible for the amplifier voltage noise to be greater
than the feedback resistor noise.
DESIGN EXAMPLE
In this section, an example TIA circuit is designed using a
photometry grade photodiode (Hamamatsu S1226-18BQ). This
medium area (1.2 mm2) silicon photodiode is responsive in the
ultraviolet (UV) through visible frequency range. The mini-
mum shunt resistance (RSHUNT) is specified at 5 GΩ at 25°C. The
shunt capacitance (CSHUNT) is specified at 35 pF. The quartz
window limits the maximum operating temperature to 60°C.
Based on the specified minimum shunt resistance and the
recommendations in the Design Recommendations section, a
value of 10 GΩ is chosen for RF. This example circuit is powered
from ±5 V with the input common-mode voltage set at 0 V, which
allows a maximum photocurrent of approximately 500 pA.
An error budget is constructed based on the DC Error Analysis
section (see Table 13). The amplifier offset voltage applies the
maximum temperature drift limit to the maximum room
temperature offset limit. The photo diode shunt resistance limit
is reduced by half for every 10°C.
Table 13. Photodiode Interface DC Error Budget
Error Source
25°C
45°C
60°C
VOS
40 μV
40 μV + 10 μV
40 μV + 18 μV
RSHUNT
5 GΩ
1.25 GΩ
442 MΩ
Noise Gain
3
9
23
VOS Error RTO
120 μV
450 μV
1.3 mV
IB
20 fA
20 fA
20 fA
IB Error RTO
200 μV
200 μV
200 μV
Total Error RTO
320 μV
650 μV
1.5 mV
Total Error RTI
32 fA
65 fA
150 fA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com