Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 44 of 50
PHOTODIODE INTERFACE
The low input bias current and low input offset voltage makes
the ADA4530-1 an excellent choice for signal conditioning
photodiodes at extremely low illumination levels. Figure 124
shows the ADA4530-1 configured in a transimpedance ampli-
fier interfacing with a photodiode operating in photovoltaic
mode (photodiode is zero biased). A photodiode produces an
output current proportional to the illumination level. The
amplifier converts the signal current, IPD, into an output voltage
with the following equation:
VOUT = IPD × RF
RF
CF
VOUT
PHOTODIODE
IPD
Figure 124. Transimpedance Amplifier with Photodiode
Figure 125 replaces the photodiode with an equivalent circuit
model. IPD is the photo current generated by incident light and
is proportional to the light level. The shunt capacitance (CSHUNT)
models the depletion capacitance of the diode. This capacitance
depends on the area of the photodiode and the voltage bias. The
shunt resistance (RSHUNT) represents the voltage vs. current slope
of the exponential diode curve near zero bias voltage.
RF
CF
VOUT
PHOTODIODE
RSHUNT
CSHUNT
IPD
Figure 125. Transimpedance Amplifier with Photodiode Model
DC ERROR ANALYSIS
All of the errors described in the High Impedance Measurements
section related to TIA circuits are applicable to photodiode
interfaces.
The inverting input bias current, IB−, sums directly with the
photodiode current for a referred to input (RTI) error equal to
IB−. This current flows through the feedback resistor, creating a
referred to output (RTO) error equal to
VIB_RTO = IB− × RF
The amplifier offset voltage, VOS, is a major error source in
photodiode interface circuits because of the relatively low shunt
resistance of large area photodiodes. Typical values are in the
range of 1 GΩ to100 GΩ at 25°C. More importantly, the shunt
resistance decreases by half for every 10°C increase in tempera-
ture. An error current is created because the amplifier offset
voltage is applied across this shunt resistance, resulting in an
RTI error equal to
IVOS_RTI = VOS/RSHUNT
It is equivalent to think that the shunt resistance increases the
DC noise gain which multiplies the offset voltage to the output.
The RTO error due to VOS is equal to:
VOS_RTO = VOS × Noise Gain
VOS_RTO = VOS × (1 + RF/RSHUNT)
The amplifier input resistance and insulation resistance appear
in parallel with the photodiode shunt resistance. These addi-
tional resistances reduce the effective shunt resistance, but they
are much larger than the photodiode shunt resistance and can
usually be ignored.
AC ERROR ANALYSIS
Photodiode TIA circuits typically require external compensation to
give satisfactory dynamic performance. The large feedback
resistor (RF) interacts with the large photodiode capacitance
(CSHUNT) to create a low frequency pole in the feedback network.
Photodiode shunt capacitance, amplifier input capacitance, and
trace capacitance are lumped into a single element, CSHUNT. The
phase shift due to this pole must be recovered prior to the
crossover frequency for the feedback loop to be stable. The
usual method to recover this phase shift is to create a zero in the
feedback factor with the addition of the feedback capacitor (CF).
The classic way of analyzing this circuit is by examining the
noise gain vs. frequency (see Figure 126). At low frequencies,
the noise gain is determined by the ratio of the feedback to the
shunt resistance.
SHUNT
1
R
RF
NG
 1
The troublesome low frequency pole (which is a zero in the
noise gain) occurs at Frequency f1. From this frequency onward,
the noise gain increases. If there is no feedback capacitor in the
circuit, the noise gain follows the dotted line until it intersects
with the amplifier open-loop gain curve. If these curves
intersect at the 20 dB/decade slopes shown in Figure 126, the
circuit is unstable.
The addition of CF adds a zero to the feedback factor (which is a
pole in the noise gain) at Frequency f2. Beyond Frequency f2, the
noise gain is determined by the ratio of the shunt capacitance to
the feedback capacitance.
F
SHUNT
2
C
C
NG
 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com