Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 41 of 50
100
0.01
0.1
1
10
0.001
100k
10k
1k
100
10
1
0.1
0.01
FREQUENCY (Hz)
VSY = 10V
AV = +1
1TΩ
100GΩ
10GΩ
1GΩ
100MΩ
Figure 118. Current Noise Spectral Density
The current noise of the ADA4530-1 originates from the
saturation current of the ESD diodes. The diode saturation
current has an exponential dependence on temperature;
therefore, it is expected that the current noise tracks this
temperature behavior. The current noise of the ADA4530-1 is
characterized over temperature using the transimpedance
measurement circuit with a 1 TΩ resistor. The measurements
are limited to 85°C because of the maximum operating
temperature of the resistor. Figure 119 shows the current noise
density at a frequency of 0.1 Hz for all of the test temperatures.
It can be useful to calculate an equivalent noise resistance from
the current noise density data in Figure 119. This conversion
facilitates comparisons between the current noise generated by
the ADA4530-1 and the thermal noise of the feedback resistor
used in the circuit.
800
0
200
400
600
700
100
300
500
090
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
VSY = 10V
f = 0.1Hz
Figure 119. Current Noise Density vs. Temperature
Figure 120 shows the equivalent noise resistance vs. temperature.
From Figure 120, it is simple to determine that the ADA4530-1
contributes less noise than a 1 TΩ resistor for temperatures less
than 40°C. If the application requires 85°C operation, the
ADA4530-1 contributes as much noise as a 30 GΩ resistor. This
example illustrates the considerable impact that temperature
plays in determining the noise performance of an application.
10T
10G
100G
1T
090
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
f = 0.1Hz
Figure 120. Equivalent Noise Resistance vs. Temperature
In summary, the excellent noise performance of the ADA4530-1
makes it ideal for electrometer applications. For impedances
less than 1 TΩ, the amplifier noise is negligible. Also, unlike
other amplifiers, the current noise has been fully characterized
and is free of excessive blowback noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com