Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 5 of 50
10 V NOMINAL ELECTRICAL CHARACTERISTICS
VSY = 10 V, VCM = VSY/2, TA = 25°C, unless otherwise noted. Typical specifications are equal to the average of the distribution from
characterization, unless otherwise noted. Minimum and maximum specifications are tested in production, unless otherwise noted.
Table 2.
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Bias Current2, 3
IB
RH < 50%
<1
±20
fA
−40°C < TA < +85°C, RH < 50%
±20
fA
−40°C < TA < +125°C, RH < 50%
±250
fA
Input Offset Current3
IOS
RH < 50%
<1
±20
fA
−40°C < TA < +125°C, RH < 50%
±150
fA
Offset Voltage2, 4
VOS
+8
±40
μV
VCM = 1.5 V to 8.5 V
+9
±50
μV
VCM = 1.5 V to 8.5 V, 0°C < TA < 125°C
±70
μV
VCM = 1.5 V to 8.5 V, −40°C < TA < 0°C
±150
μV
VCM = 0 V to 8.5 V
±300
μV
Offset Voltage Drift2, 4
ΔVOS/ΔT
0°C < TA < 125°C
+0.13
±0.5
μV/°C
−40°C < TA < 0°C
−0.7
±2.8
μV/°C
Input Voltage Range
IVR
0
8.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 1.5 V to 8.5 V
105
114
dB
−40°C < TA < +125°C
100
dB
VCM = 0 V to 8.5 V
87
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ to VCM, VOUT = 0.5 V to 9.5 V
125
150
dB
−40°C < TA < +125°C
125
dB
Input Resistance
RIN
−40°C < TA < +125°C
>100
TΩ
Input Capacitance
CIN
8
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
9.96
9.97
V
−40°C < TA < +125°C
9.94
V
RL = 2 kΩ to VCM
9.93
9.87
V
−40°C < TA < +125°C
9.75
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
15
40
mV
−40°C < TA < +125°C
60
mV
RL = 2 kΩ to VCM
70
170
mV
−40°C < TA < +125°C
250
mV
Short-Circuit Current
ISC
Source
15
mA
Sink
−30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
20
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5 V to 16 V
130
150
dB
−40°C < TA < +125°C
130
dB
Supply Current
ISY
IOUT = 0 mA
0.9
1.3
mA
−40°C < TA < +125°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 10 pF, AV = 1
1.4
V/μs
Gain Bandwidth Product
GBP
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF,
AV = 100
2
MHz
Unity-Gain Crossover
UGC
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF,
AVO = 1
2
MHz
−3 dB Closed-Loop Bandwidth
f−3dB
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF,
AV = 1
6
MHz
Phase Margin
ΦM
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF,
AVO = 1
62
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com