Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 33 of 50
The magnitude of the input bias current limits how small of a
signal current may be resolved accurately. For example, if the
acceptable error level is 10%, the minimum measurable signal
current is 2.25 pA for a circuit operating at 125°C.
ISRC = IB−(1/err – 1)
where err is the error level.
1
1
.
0
1
fA
250
pA
25
.
2
INPUT RESISTANCE
The input resistance of the amplifier is another error source that
must be considered. Input resistance typically has two compo-
nents: differential and common mode. The differential input
resistance is suppressed by the negative feedback of the circuit.
The ADA4530-1 has enough gain that the differential input
resistance is much too large to measure. The common-mode
input resistance (hereafter referred to as input resistance) is a
more important error source.
The input resistance is equal to the change in input bias current
relative to the change in input voltage. This change is not caused
by a physical resistance inside the ADA4530-1; it is the result of
a complex relationship between the accuracy of the guard voltage
across the ESD structures and the input common-mode voltage;
that is, the input resistance changes with common mode voltage. It
is also possible for the input resistance to be negative. Negative
input resistance means the input bias current decreases as the
common-mode voltage increases.
The input resistance, RIN, can be approximated by calculating
the slope of the input bias current vs. common-mode voltage
graphs (see Figure 22 to Figure 33). For example, the noninverting
input resistance can be calculated at 125°C from Figure 32. Note
that the input bias current changes by approximately 20 fA for
common-mode voltages from 4 V to 6 V.
B
CM
IN
I
V
R
TΩ
100
fA
20
V
2
IN
R
The slope of the curves in the input bias current vs. common-
mode voltage graphs increases rapidly outside the preferred
common-mode range (see Figure 22 to Figure 33). The input
resistance drops rapidly outside this range. This drop in input
resistance must be considered before operating these circuits
with input voltages close to the V− power supply.
Like the input bias current, the input resistance has a strong
temperature dependence. At lower temperatures, the amplifier
input resistance is so high that it is dominated by other error
sources. It is important to recognize the limitations of calculating
input resistance at lower temperatures. Measurement uncertain-
ties make it difficult to accurately calculate the ΔIB term. Consider
the 85°C input bias current vs. common-mode voltage graphs
(see Figure 22 to Figure 27); the measurement uncertainties are
equal to a few fA, which is the same magnitude as the input bias
current itself. These uncertainties make it impossible to calcu-
late input resistances higher than a few hundred teraohms.
The input resistance affects the buffer circuit by loading down
the voltage sensor. This resistance acts as a voltage divider so
the voltage measured by the amplifier is some fraction of the
unloaded voltage of the sensor. This voltage drop is calculated
as follows:
SRC
IN
IN
SRC
A
R
R
R
V
V
Consider the previous example of a 100 GΩ sensor operating at
125°C. The 100 TΩ input resistance causes the measured
voltage to equal 99.9% of the actual voltage, a 0.1% gain error.
The input resistance has much less of an effect on the TIA
circuit. The input common-mode voltage does not change in
this circuit; therefore, the error created is vanishingly small.
The input resistance affects the noise gain of the circuit, which
changes the input offset voltage error (see the Photodiode
Interface section for more information).
INPUT OFFSET VOLTAGE
The input offset voltage of the amplifier affects the buffer circuit
by adding directly to the voltage output of the sensor. This error
is typically much smaller than other errors.
The input offset voltage affects the TIA circuit in a different
manner. The burden voltage of the TIA is equal to the input
offset voltage. This burden voltage appears between the A and B
terminals. An error current is created by applying this burden
voltage across the sensor shunt resistance. For sensors with low
output resistances such as photodiodes, this error can be
significant. Consider a sensor with a 1 GΩ output resistance.
The 50 μV maximum offset voltage of the ADA4530-1 creates a
50 fA error current.
INSULATION RESISTANCE
The ADA4530-1 has such low input bias current and such high
input resistance that the insulation resistance of the materials
that are used to construct the circuit is often the largest error
source. Any insulators with finite resistance that come in
contact with the high impedance conductor contribute to the
error current. Some examples include the printed circuit board
(PCB) laminate material, cable, and connector insulation.
The physical insulation resistance is distributed across the
entire contact surface of the high impedance conductor, and it
may end at several different conductors at different potentials. It
is useful to make a simple model where all of these resistance
paths are lumped into a single resistor. This lumped element is
shown as RSHUNT in the voltage buffer circuit (see Figure 105).
The insulation resistance affects the buffer circuit in the same
way as the amplifier input resistance. This resistance acts as a
voltage divider so that the voltage measured by the amplifier is
some fraction of the unloaded voltage of the sensor. This error
is significant because it is very difficult to maintain high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com