Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 37 of 50
In practical applications, the relative humidity of the air changes
rapidly with daily and seasonal variations. The effective input
bias current response to these humidity changes has two parts.
The response due to the adsorption process follows the rapid
changes immediately. The response due to the absorption
process low-pass filters the humidity changes. This low-pass
response causes the effective input bias current to have long-
term memory of the relative humidity fluctuations.
In this environment, measurements of the effective input bias
current appear to drift with time because the leakage currents
depend on the relative humidity for the previous week. This
long-term memory due to the absorption process may need to
be taken in account in certain circumstances (that is, long-term
product storage in an unconditioned high humidity environ-
ment prior to use).
The rapid adsorption response can change the effective bias
current in response to local fluctuations in humidity. These
current fluctuations can be much larger than the low frequency
current noise of the amplifier and thermal noise of the resistors.
The sensitive circuitry can be isolated from these local humidity
fluctuations by restricting the airflow around the circuitry with
an air baffle. Electrostatic shielding added to reduce interfer-
ence can also function as an air baffle. Remove or reduce the
sources of humidity fluctuations whenever possible. Avoid
breathing on the high impedance circuitry, for example.
6
–8
–6
–4
–2
0
2
4
70
0
10
20
30
40
50
60
0
175
150
125
100
75
50
25
ELAPSED TIME (Hours)
VSY = 10V
TA = 25°C
VCM = VSY/2
IB
RELATIVE HUMIDITY
Figure 113. Effective Input Bias Current Transient Response to Humidity Step
It is important to note that all electrometer circuits are subject
to humidity effects. The legacy circuits constructed with TO-99
packages using air wiring techniques have insulator leakage paths
such as the epoxy between the pins and the Teflon® standoffs used
to support the air wired components. The input bias currents of
legacy amplifiers are high enough to mask the humidity effects.
In summary, the ADA4530-1 can be designed using the specified
performance for normal laboratory (<60%) relative humidity
conditions. In applications that must operate in uncontrolled or
high humidity environments, some additional derating of the
input bias current is prudent. Characterize the amount of derating
on a per product basis because the net leakage depends on the
material types and physical dimensions of the insulators.
CONTAMINATION
The effective insulation resistance of an electrometer circuit can
be substantially degraded if the insulators are contaminated.
Solder flux, body oils, dust, and dirt are all possible sources of
contamination. Some of these contaminants form a parallel
leakage path across the surface of the existing insulator effec-
tively lowering the insulation resistance. Guarding techniques
help to suppress these effects.
The effects are more severe when the source of contamination
contains ionic compounds. In the presence of humidity, these
contaminates act as an electrolyte, which can form a weak
battery. Flux residue and body oils are particularly effective at
creating these parasitic batteries.
As an example, the PCB insulation between two high imped-
ance nodes was purposefully contaminated with a 3 mm drop of
rosin mildly activated (RMA) type solder flux. This sample was
dried and allowed to stabilize in laboratory conditions (25°C,
40% RH) for several days. After this time, the voltage vs. current
relationship was measured with an electrometer grade SMU
(see Figure 114).
This contamination formed a weak battery with an open circuit
voltage (VBATT) of 15 mV and an output resistance (RBATT) of
300 GΩ. This sort of contamination is disastrous in electrome-
ter circuits because guarding techniques cannot suppress it. A
simplified model is made with the contamination battery applied
across the A terminal and B terminal of a TIA circuit (see
Figure 115). The A terminal and B terminal are both driven to
the same voltage, which creates an error current (IBATT) because
the open circuit battery voltage is dropped across the output
resistance as follows:
IBATT = VBATT ÷ RBATT
All of this battery current flows through the feedback resistance,
where it is summed with the signal and other error currents in
the circuit. The error current in this example is 50 fA. The battery
characteristics are subject to the environmental conditions;
therefore, the error current drifts with time, temperature, and
humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com