Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Copyright © Future Technology Devices International Limited
10
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
FT260Q
Pin No.
FT260S
Pin No.
Pin Name
(Function)
Type
Description
( SCL /
GPIO0 )
I/O
I/O
SCL, Serial clock for
I2C bus with open drain output, is set as the
default function
GPIO0, General Purpose I/O. GPIO0 is another optional function and
can be enabled via a USB command.
13
17
DIO6
( SDA /
GPIO1 )
I/O
I/O
I/O
DIO6, Digital Input/Output Pin 6.
SDA, Serial data for
I2C mode with open drain output, is set as the
default function.
GPIO1, General Purpose I/O. GPIO1 is another optional function and
can be enabled via a USB command.
14
18
DIO7
( SUSPOUT_N /
PWREN_N /
GPIO2
)
I/O
O
O
I/O
DIO7, Digital Input/Output Pin 7.
This pin can be configured as one of the following three functions via
embedded eFUSE or external EEPROM.
SUSPOUT_N is set as the default function as the indicator when
entering the USB suspending state.
_N means active low. This
indicator can also be configured as active high via EEPROM and
symbolled as SUSPOUT.
PWREN_N is as the power enable indicator when the FT260 is USB
enumerated. Active low.
GPIO2, General Purpose I/O. GPIO2 is another optional function and
can be enabled.
15
19
DIO8
( INTRIN /
WAKEUP /
GPIO3 )
I/O
I
I
I/O
DIO8, Digital Input/Output Pin 8.
INTRIN is the default function as the external interrupt input source
WAKEUP functions as the USB remote wakeup input source.
GPIO1, General Purpose I/O. GPIO1 is another optional function and
can be enabled via a USB command.
16
20
DIO9
( GPIOF /
DTRN )
I/O
I/O
O
DIO9, Digital Input/Output Pin 9.
GPIOF, General Purpose I/O. is set as the default function.
DTRN, Data Terminal Ready, can be enabled via a USB command for
the UART interface.
17
21
DIO10
( GPIO4 /
DCD )
I/O
I/O
I
DIO10, Digital Input/Output Pin 10.
GPIO4, General Purpose I/O, is set as the default function.
DCD, Data Carrier Detection, can be enabled via a USB command for
the UART interface.
18
22
DIO11
( GPIO5/
RI
)
I/O
I/O
I
DIO11, Digital Input/Output Pin 11.
GPIO5, General Purpose I/O, is set as the default function.
RI, Ring Indicator, can be enabled via a USB command for the UART
interface. RI may be used as an alternative to WAKEUP for waking up
the USB host. WAKEUP feature accompanied with RI can be enabled
via the parameter defined in an external EEPROM.
19
23
GND
P
Ground
20
24
DM
AI/O
USB peripheral bidirectional DM line.
21
25
DP
AI/O
USB peripheral bidirectional DP line.
22
26
VOUT3V3
P **
+3.3V voltage Out
May be used to power VCCIO. When VCCIN is supplied with 3.3V, this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com