Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Copyright © Future Technology Devices International Limited
6
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
7.3
Self Powered Configuration with 3.3V Source In .................... 36
7.4
Bus Powered Configuration with +1.8V/+2.5V I/O Voltage ... 37
7.5
Configuration for System Pins................................................. 38
7.6
Power for Programming eFUSE ............................................... 39
8
Application Examples.................................................. 40
8.1
USB HID-over-I2C................................................................... 40
8.2
USB to RS232 Converter ......................................................... 41
8.3
USB to RS485 Converter ......................................................... 42
8.4
USB to RS422 Converter ......................................................... 43
9
User Configuration...................................................... 44
9.1
Programming the embedded eFUSE over USB ......................... 44
9.1.1
Default Values ............................................................................................ 44
9.2
Programming the external EEPROM over USB ......................... 47
9.2.1
Supported EEPROM Spec ............................................................................. 47
9.2.2
Default Values ............................................................................................ 48
10 Package Parameters ................................................... 51
10.1
WQFN-28 Package Mechanical Dimensions .......................... 51
10.2
WQFN-28 Package Markings ................................................ 52
10.3
TSSOP-28 Package Mechanical Dimensions.......................... 53
10.4
TSSOP-28 Package Markings................................................ 54
10.5
Solder Reflow Profile............................................................ 55
11 Contact Information ................................................... 56
Appendix A – References ................................................... 57
Document References ...................................................................... 57
Acronyms and Abbreviations............................................................ 58
Appendix B - List of Figures and Tables ............................. 59
List of Figures .................................................................................. 59
List of Tables.................................................................................... 59
Appendix C - Revision History ............................................ 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com