Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 53 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 53 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 49Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 50Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 51Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 52Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 53Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 54Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 55Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 56Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 57Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Copyright © Future Technology Devices International Limited
53
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
10.3
TSSOP-28 Package Mechanical Dimensions
Figure 10.3 TSSOP-28 Package Dimensions
The FT260S is supplied in a RoHS2.0 compliant leadless TSSOP-28 package. The package is lead (Pb)
free, and uses a ‘green’ compound. The package is fully compliant with European Union REACH
2006/121/EC.
This package is nominally 9.70mm x 4.40mm. The above mechanical drawing shows the TSSOP-28
package. All dimensions are in millimetres.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com