Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Copyright © Future Technology Devices International Limited
22
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
5.3
UART Interface
A universal asynchronous receiver/transmitter (UART) is a computer hardware device that translates data
between parallel and serial forms. UARTs are commonly used in conjunction with communication
standards such as TIA (formerly EIA) RS-232, RS-422 or RS-485.
The UART can support baud rates from 1.2 Kbaud to 12 Mbaud defined by the following function.
���������������� ���������������� =
������������������������������������ �������������������� ������������������������������������
���������������� ����������������������������
The baud divisor is used to divide the operating clock frequency to the desired baud rate. It can take any
value between 4 and 40000 with the added option of adding a fractional component in the order of
1/8ths.
Example: To generate an 115200 baud rate in the FT260, the operating clock frequency to the UART
controller equals to 48MHz. The baud divisor can be calculated as shown in the below equation.
���������������� ���������������������������� =
��������������������
��������������������������������
= ������������. ������������
Due to the fractional component is the order of 1/8ths, the baud divisor must be selected as 416.625. It
is obvious that the difference of baud divisors will produce a percentage error. A comparison of standard
baud rates and the divisor values can be seen in Table 5.3 below. This shows the baud rate required,
followed by the divisor value needed to achieve this if the UART is running off a 48MHz clock. Then it lists
the actual baud rate achieved and finally the percentage error this produces.
Target
Baud Rate
Ideal
Baud Divisor
Actual
Baud Divisor
Actual
Baud Rate
Baud
Error Rate
12,000,000
4
4
12,000,000
0.00%±0.25%*Note
9,600,000
5
5
9,600,000
0.00%±0.25%
8,000,000
6
6
8,000,000
0.00%±0.25%
6,000,000
8
8
6,000,000
0.00%±0.25%
3,000,000
16
16
3,000,000
0.00%±0.25%
2,000,000
24
24
2,000,000
0.00%±0.25%
1,500,000
32
32
1,500,000
0.00%±0.25%
1,000,000
48
48
1,000,000
0.00%±0.25%
921,600
52.083
52
923,076.9231
0.16%±0.25%
460,800
104.16
104.125
460,984.3938
0.04%±0.25%
230,400
208. 3
208.250
230,492.1969
0.04%±0.25%
115,200
416. 6
416.625
115,211.5212
0.01%±0.25%
57,600
833. 3
833.250
57,605.7606
0.01%±0.25%
38,400
1,250
1250
38,400
0.00%±0.25%
19,200
2,500
2500
19,200
0.00%±0.25%
9,600
5,000
5000
9,600
0.00%±0.25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com