Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Copyright © Future Technology Devices International Limited
16
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
DIO8 (pin 15 @ WQFN28) can be configured as WAKEUP, GPIO3
DIO9 (pin 16 @ WQFN28) will be set as GPIOF function by default
DIO10 (pin 17 @ WQFN28) will be set as GPIO4 function by default
DIO11 (pin 18 @ WQFN28) will be set as GPIO5 function by default
DIO12 (pin 27 @ WQFN28) can be configured as BCD_DET, RX_LED, PWREN_N and GPIOG
DIO13 (pin 28 @ WQFN28) will be set as GPIOH function by default
eFUSE Controller + Internal eFUSE. The internal eFUSE (electrical poly fuse) provides storage for the
Vendor Specific Parameters. These Vendor specific Parameters are for the purpose of cost-effective
customization. When FT260 is powered up, all the parameters will be automatically loaded into and taken
effective before operation. The embedded eFUSE can be programmed over USB with an external voltage
requirement on the pin FSOURCE with 3.8V power source. These parameters can be programmed using
the FTDI utility software called FT_PROG, which can be downloaded from FTDI Utilities on the FTDI
website (http://www.ftdichip.com/Support/Utilities.htm#FT_Prog).
Vendor Specific Parameters in eFUSE include:
USB Vendor ID (VID), Product ID (PID), power type selection
DIO0, DIO7, DIO12 function selection
Digital pins driving strength selection (4mA, 8mA, 12mA, 16mA)
HID-over-I2C Slave Address
HID-over-I2C Interrupt type
HID-over-I2C SET_/GET_IDLE, SET_/GET_PROTOCOL, SET_POWER enable control
For further details refer to section 9.1.
5V-3.3V-1.8V LDO regulator. The LDO will regulate out 2 reference voltages for use within the FT260.
The +3.3V LDO regulator generates the +3.3V reference voltage for driving the USB transceiver cell
output buffers. It requires an external decoupling capacitor to be attached to the VOUT3V3 regulator
output pin. Another +1.8V LDO regulator generates the +1.8V reference voltage for driving the internal
core of the IC.
POR RESET Generator. POR is the integrated Power on Reset Generator Cell providing a reliable power-
on reset to the device internal circuitry at power up. There is also a RESETN input pin allowing an
external device to reset the FT260. RESETN can be tied to VCCIO (+3.3v) if not being used.
Embedded BCD Detection. Supports Battery Charger Detection. When the pin DIO12 is set as
BCD_DET function, it will be active if the device is connected to a dedicated charger instead of a standard
USB Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com