Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 51 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 51 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 47Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 48Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 49Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 50Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 51Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 52Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 53Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 54Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 55Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Copyright © Future Technology Devices International Limited
51
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
10
Package Parameters
The FT260 is available in WQFN-28 and TSSOP-28 package. The solder reflow profile for WQFN-28 and
TSSOP-28 is described in Section 10.5.
10.1
WQFN-28 Package Mechanical Dimensions
Figure 10.1 WQFN-28 Package Dimensions
The FT260Q is supplied in a RoHS2.0 compliant leadless WQFN-28 package. The package is lead (Pb)
free, and uses a ‘green’ compound. The package is fully compliant with European Union REACH
2006/121/EC.
This package is nominally 5.00mm x 5.00mm. The solder pads are on a 0.5mm pitch. The above
mechanical drawing shows the WQFN-28 package. All dimensions are in millimetres.
The centre pad on the base of the FT260Q is internally connected to GND and the PCB should not have
signal tracking on the top layer under this area. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com