Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Copyright © Future Technology Devices International Limited
23
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
4,800
10,000
10000
4,800
0.00%±0.25%
2,400
20,000
20000
2,400
0.00%±0.25%
1,200
40,000
40000
1,200
0.00%±0.25%
Table 5.3 Baud Rate Comparison
*Note that the baud error rate with ±0.25% is from the internal oscpll.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com