Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 48 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 48 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 44Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 45Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 46Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 47Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 48Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 49Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 50Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 51Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 52Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Copyright © Future Technology Devices International Limited
48
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
The protocol of two-byte data address EEPROM
Write:
7 bit slave
address
1st 8 bit
data addr
2nd 8 bit
data addr
8 bit data
Read:
7 bit slave
address
1st 8 bit
data addr
2nd 8 bit
data addr
7 bit slave
address
8 bit data
Figure 9.2 Protocol Format for EEPROM with Two Bytes Data Address
Table9.2 shows the list of the external EEPROMs that are tested with the FT260.
Manufacturer
Part Number
Type
Atmel
AT24CS04-SSHM-TCT-ND 512 x 8
One-byte data address
Atmel
AT24C08D-PUM-ND 1K x 8
One-byte data address
Atmel
AT24CS16-SSHM-TCT-ND 2K x 8
One-byte data address
Atmel
AT24CM01 (1M bit)
Two-byte data address
On Semiconductor
CAT24C04WI-G-ND 512 x 8
One-byte data address
On Semiconductor
CAT24C08WI-GT3CT-ND 1k x 8
One-byte data address
On Semiconductor
CAT24C08WI-GT3CT-ND 2k x 8
One-byte data address
On Semiconductor
CAT24C512
Two-byte data address
Microchip
24AA08-I/SN-ND 1k x 8
One-byte data address
Microchip
24AA16-I/SN-ND 2k x 8
One-byte data address
Table 9.2 Tested EEPROM List for FT260
9.2.2 Default Values
The parameters defined in the EEPROM are shown in Table9.3. Default values are defined in the FT260. If
an EEPROM exists in the application, the priority of the EEPROM is higher than default values.
Parameter
Default Value
Notes
Device Type
FT260
Read-Only. Indicate the Chip is FT260.
USB Vendor ID (VID)
0403h
USB Vendor ID. Defined in the USB device descriptor. The
format is 16-bit hex coded and default is set as FTDI VID.
USB Product ID (PID)
6030h
USB Product ID. Defined in the USB device descriptor The
format is 16-bit hex coded and default is set as 6030h for
FT260.
USB Version
0200h
Read-only. Returns the USB 2.0 device descriptor to the host.
Note: FT260 is a Full-speed USB2.0 device.
Power Source
Bus Powered
Define whether the power source is from the USB bus or a local
source.
Max Bus Power Current
100mA
The max power that will be drawn from VBUS when using bus
power. Range from 0~500mA. If the power source is defined as
self-powered, it must be set as 0mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com