Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Copyright © Future Technology Devices International Limited
20
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
5.2.3 I2C Slave Address
The FT260 is configured as a USB to I²C master bridge and is able to issue any value of 7-bits slave
address. Users can issue I2C commands towards an I2C slave device to read or write data via the
applications defined in USB host side. For details, refer to the FT260 Application Notes.
When the FT260 is powered up, the I2C master controller will start to scan the external I2C device. The
scanning address range is from 50h to 57h for the types of EEPROM. For further details refer to section
9.2.
5.2.4 I2C Timing
Figure 5.2 I2C Bus Timing
Parameter
Min(ns)
Typ(ns)
Max(ns)
Description
T0@12MHz
83.333
T0 is the period when operating clock=12MHz
T0@24MHz
41.666
T0 is the period when operating clock=24MHz
T0@48MHz
20.833
T0 is the period when operating clock=48MHz
T1@SM/HM
16*T0
8*(1+N)*T0
SCK Period when I2C as master with standard speed
mode(SM) and HS speed mode
T1@FM/HM
12*T0
6*(1+N)*T0
SCK Period when I2C as master with FM, FM+ speed
mode
T2
8*T0
4*(1+N)*T0
SCK high pulse width when I2C as master with
standard speed mode(SM) and HS speed mode
T2
4*T0
2*(1+N)*T0
SCK high pulse width when I2C as master with FM,
FM+ speed mode
T3
2*(1+N)*T0
SDA output setup time to SCL rising edge when I2C as
master
T4
2*(1+N)*T0
SDA output hold time to SCL falling edge when I2C as
master
T5
>=
0
input setup time requirement from SDA to SCL rising
edge when I2C as master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com