Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Copyright © Future Technology Devices International Limited
29
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
6.3
DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC1
VCCIN Operating Supply
Voltage
4.5
5
5.5
V
VCCIN is supplied
with 5V
2.97
3.3
3.63V
V
VCCIN is supplied
with 3.3V
VCC2
VCCIO Operating Supply
Voltage
2.97
3.3
3.63
V
VCCIO is supplied
with 3.3V
2.25
2.5
2.75
V
VCCIO is supplied
with 2.5V
1.62
1.8
1.98
V
VCCIO is supplied
with 1.8V
Inormal
Operating Supply
Current
9.6*
mA
Normal Operation at
12MHz
14.5*
mA
Normal Operation at
24MHz
23.6*
mA
Normal Operation at
48MHz
Iidle
Idle Supply Current
4.17
mA
IDLE Operation at
30KHz
Isusp
Suspend Supply Current
356
μA
USB Suspend
3V3
3.3v regulator output
2.97
3.3
3.63
V
VCCIN must be
greater than 3V3
otherwise VOUT3V3
is an input which
must be driven with
3.3V
VFSOURCE
eFUSE Blowing Supply
Voltage
3.4
3.8
4.2
V
Table 6.3 Operating Voltage and Current
* The current measurement is with the regular data transferring speed between USB and I2C/UART
interface. All the pins are with 4mA driving strength and without heavy loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com