Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 59 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 59 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 53Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 54Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 55Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 56Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 57Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 58Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 59Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 60Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 61Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Copyright © Future Technology Devices International Limited
59
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
Appendix B - List of Figures and Tables
List of Figures
Figure 2.1 FT260 Block Diagram .....................................................................................................4
Figure 3.1 Pin Configuration WQFN-28 (top-down view).....................................................................7
Figure 3.2 Pin Configuration TSSOP-28 (top-down view)....................................................................8
Figure 5.1 I2C Bus Protocol .......................................................................................................... 19
Figure 5.2 I2C Bus Timing ............................................................................................................ 20
Figure 5.3 UART RX Waveform consist of 8 data bits, 1 optional parity bit and 1 stop bit ..................... 25
Figure 5.4 UART TX Waveform consist of 7 data bits, no parity bit and 1 stop bit ................................ 25
Figure 5.5 UART TX Waveform consist of 7 data bits, 1 optional parity bit and 1 stop bit ..................... 25
Figure 5.6 UART TX Waveform consisting 7 data bits, 1 optional parity bit and 2 stop bits ................... 25
Figure 5.7 UART TX Waveform consisting 8 data bits, 1 optional parity bit and 2 stop bits ................... 25
Figure 7.1 Bus Powered Configuration ........................................................................................... 34
Figure 7.2 Self Powered Configuration with 5V Source Input ............................................................ 35
Figure 7.3 Self Powered Configuration with 3.3V Source Input.......................................................... 36
Figure 7.4 Bus Powered Configuration with +1.8V/+2.5V I/O voltage Level........................................ 37
Figure 7.5 Recommended FT260 Configuration of System Pins ......................................................... 38
Figure 7.6 FSOURCE for eFUSE..................................................................................................... 39
Figure 8.1 Application Example 1: HID over I2C .............................................................................. 40
Figure 8.2 Application Example 2: USB to RS232 Converter ............................................................. 41
Figure 8.3 Application Example 3: USB to RS485 Converter ............................................................. 42
Figure 8.4 Application Example 4 : USB to RS422 Converter ............................................................ 43
Figure 9.1 Protocol Format for EEPROM with One Byte Data Address ................................................. 47
Figure 9.2 Protocol Format for EEPROM with Two Bytes Data Address ............................................... 48
Figure 10.1 WQFN-28 Package Dimensions .................................................................................... 51
Figure 10.2 WQFN-28 Package Markings........................................................................................ 52
Figure 10.3 TSSOP-28 Package Dimensions ................................................................................... 53
Figure 10.4 TSSOP-28 Package Markings ....................................................................................... 54
Figure 10.5 FT260 Solder Reflow Profile......................................................................................... 55
List of Tables
Table 3.1 FT260 Pin Description.................................................................................................... 11
Table 5.1 FT260 USB Device Interface Configuration ....................................................................... 17
Table 5.2 I2C Timing for VCCIO=3.3V............................................................................................ 21
Table 6.1 Absolute Maximum Ratings ............................................................................................ 28
Table 6.2 ESD and Latch-Up Specifications .................................................................................... 28
Table 6.3 Operating Voltage and Current ....................................................................................... 29
Table 6.4 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com