Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 60 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 60 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 53Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 54Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 55Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 56Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 57Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 58Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 59Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 60Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 61Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
Copyright © Future Technology Devices International Limited
60
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
Table 6.5 I/O Pin Characteristics VCCIO = +2.5V (except USB PHY pins) ........................................... 31
Table 6.6 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ........................................... 32
Table 6.7 USB I/O Pin (DP, DM) Characteristics .............................................................................. 33
Table 9.1 Parameters defined in internal eFUSE for FT260 ............................................................... 46
Table 9.2 Tested EEPROM List for FT260 ........................................................................................ 48
Table 9.3 Parameters defined in external EEPROM for FT260 ............................................................ 50
Table 10.1 Reflow Profile Parameter Values.................................................................................... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com